Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 43 Page - Microchip Technology

Part # SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 43 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 39Page - Microchip Technology SAMA5D2 Datasheet HTML 40Page - Microchip Technology SAMA5D2 Datasheet HTML 41Page - Microchip Technology SAMA5D2 Datasheet HTML 42Page - Microchip Technology SAMA5D2 Datasheet HTML 43Page - Microchip Technology SAMA5D2 Datasheet HTML 44Page - Microchip Technology SAMA5D2 Datasheet HTML 45Page - Microchip Technology SAMA5D2 Datasheet HTML 46Page - Microchip Technology SAMA5D2 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Figure 8-3. Recommended Backup Mode Entry (Shutdown)
VDDAUDIOPLL
VDDIOP0
VDDANA
VDDOSC
time
NRST
VDDIOP1
VDDIOP2
VDDISC
VDDSDMMC
VDDFUSE
VDDUTMII
VDDBU
VDDCORE
VDDPLLA
VDDHSIC
VDDUTMIC
t
RSTPD
SHDN
Shutdown Request
in SHDWC
PIOBUx
No specific order and no
specific timing required
among the channels
except DDRM_VDD12
and DDRM_VDD18
PIOBUx signals to
maintain or shutdown
VDDIODDR
DDRM_VDD18
DDRM_VDD12, VDDIODDR
t
1
t
2
Table 8-3. Shutdown Timing Specification
Symbol
Parameter
Conditions
Min
Max
Unit
tRSTPD
Reset delay at power-down
From NRST low to the first supply turn-off
0
–
ms
t1
DDRM_VDD12 to
DDRM_VDD18 delay
From DDRM_VDD12 zeroed to DDRM_VDD18
turn-off
0
–
t2
LPDDR2 power-off delay
From NRST low to DDRM_VDD18 zeroed
–
2000
8.3.2.4
Backup Mode Exit (Wake-up)
The figure below shows the recommended power-up sequence to wake up the SAMA5D2 LPDDR2 SIP from Backup
mode. Upon a wake-up event, the Shutdown Controller toggles its SHDN output back to VDDBU to request the
power supply to restart. Except for VDDIODDR, DDRM_VDD18 and DDRM_VDD12 which may already be present if
the LPDDR2 memory was placed in Self-refresh mode, this power-up sequence is the same one as presented in the
figure “Recommended Power-up Sequence”. In particular, the definitions of Group 1 and Group 2 are the same.
SAMA5D2 SIP
Electrical Characteristics
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com