Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 1 Page - Microchip Technology

Part # SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 1 Page - Microchip Technology

  SAMA5D2 Datasheet HTML 1Page - Microchip Technology SAMA5D2 Datasheet HTML 2Page - Microchip Technology SAMA5D2 Datasheet HTML 3Page - Microchip Technology SAMA5D2 Datasheet HTML 4Page - Microchip Technology SAMA5D2 Datasheet HTML 5Page - Microchip Technology SAMA5D2 Datasheet HTML 6Page - Microchip Technology SAMA5D2 Datasheet HTML 7Page - Microchip Technology SAMA5D2 Datasheet HTML 8Page - Microchip Technology SAMA5D2 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
SAMA5D2 SIP
SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit
DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
Scope
This document is an overview of the main features of the SAMA5D2 SIP. The sole reference documents for product
information on the SAMA5D2 and the LPDDR2/DDR2-SDRAM memories are listed in the table below.
Introduction
The SAMA5D2 System-In-Package (SIP) integrates the Arm® Cortex®-A5 processor-based SAMA5D2 MPU with up
to 1 Gbit DDR2-SDRAM or up to 2 Gbit LPDDR2-SDRAM in a single package.
By combining the high-performance, ultra-low power SAMA5D2 with LPDDR2/DDR2-SDRAM in a single package,
PCB routing complexity, area and number of layers is reduced in the majority of cases. This makes board design
easier and more robust by facilitating design for EMI, ESD and signal integrity.
DDR2-SDRAM memory sizes and package options available
• 128 Mbit, TFBGA196
• 512 Mbit and 1 Gbit, TFBGA289
LPDDR2-SDRAM memory sizes and package options available
• 1 Gbit and 2 Gbit, TFBGA361
While the smallest option targets applications with a small OS or bare metal, the larger options are suitable for
applications using Linux®.
Reference Documents
Type
Document Title
Available
Ref. No.
Data sheet
SAMA5D2 Series
www.microchip.com
DS60001476
Data sheet
2 Mwords × 4 Banks × 16 bits
DDR2 SDRAM (128 Mbit)
www.winbond.com
W9712G6KB25I
Data sheet
8 Mwords × 4 Banks × 16 bits
DDR2 SDRAM (512 Mbit)
www.winbond.com
W9751G6KB25I
Data sheet
8 Mwords × 8 Banks × 16 bits
DDR2 SDRAM (1 Gbit)
www.winbond.com
W971GG6SB25I
Data sheet
4 Mwords × 8 Banks × 32 bits
LPDDR2-SDRAM (1 Gbit)
www.apmemory.com
AD210032F-I-AB
Data sheet
8 Mwords × 8 Banks × 32 bits
LPDDR2-SDRAM (2 Gbit)
www.apmemory.com
AD220032D-I-ED/PC/AB
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 1


Similar Part No. - SAMA5D2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAMA5D2 ATMEL-SAMA5D2 Datasheet
2Mb / 74P
SAMA5D2 Xplained Ultra Evaluation Kit
logo
Microchip Technology
SAMA5D2-PTC-EK MICROCHIP-SAMA5D2-PTC-EK Datasheet
2Mb / 66P
SAMA5D2-PTC-EK Users Guide
2017
SAMA5D27 MICROCHIP-SAMA5D27 Datasheet
2Mb / 55P
SAMA5D27 MPU, 1Gbit (128MB) DDR2 SDRAM, 10/100 Ethernet PHY, 64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
2020
SAMA5D27-SOM1 MICROCHIP-SAMA5D27-SOM1 Datasheet
1Mb / 46P
64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
2017
SAMA5D27C MICROCHIP-SAMA5D27C Datasheet
8Mb / 2554P
Ultra-low power ARM Cortex-A5 core-based MPU, 500 MHz, Graphics Interface, Ethernet 10/100, CAN, USB, Security, Automotive
Rev. A - 03/2018
More results

Similar Description - SAMA5D2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T1G400AF INFINEON-HYB18T1G400AF Datasheet
1Mb / 89P
1 Gbit DDR2 SDRAM
V1.02, May 2004
logo
Qimonda AG
HYB18TC1G800AF QIMONDA-HYB18TC1G800AF Datasheet
2Mb / 54P
1-Gbit DDR2 SDRAM
HYB18TC1G800BF QIMONDA-HYB18TC1G800BF_07 Datasheet
3Mb / 65P
1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G400BF-2.5F QIMONDA-HYB18T1G400BF-2.5F Datasheet
3Mb / 70P
1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G400BF QIMONDA-HYB18T1G400BF_07 Datasheet
3Mb / 74P
1-Gbit Double-Data-Rate-Two SDRAM
logo
Winbond
W641GG2JB WINBOND-W641GG2JB Datasheet
1Mb / 109P
1-Gbit GDDR3 Graphics SDRAM
logo
Maxwell Technologies
72SD3232B MAXWELL-72SD3232B Datasheet
601Kb / 41P
1 Gbit SDRAM
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
logo
Micron Technology
EDB8132B4PB-8D-F-R MICRON-EDB8132B4PB-8D-F-R Datasheet
1Mb / 146P
Embedded LPDDR2 SDRAM
Rev. C 1/16 EN
logo
Microchip Technology
SAM9X60 MICROCHIP-SAM9X60 Datasheet
759Kb / 40P
SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com