Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 42 Page - Microchip Technology

Part # SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 42 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 38Page - Microchip Technology SAMA5D2 Datasheet HTML 39Page - Microchip Technology SAMA5D2 Datasheet HTML 40Page - Microchip Technology SAMA5D2 Datasheet HTML 41Page - Microchip Technology SAMA5D2 Datasheet HTML 42Page - Microchip Technology SAMA5D2 Datasheet HTML 43Page - Microchip Technology SAMA5D2 Datasheet HTML 44Page - Microchip Technology SAMA5D2 Datasheet HTML 45Page - Microchip Technology SAMA5D2 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
8.3.2.2
Power-down Considerations
The figure below shows the SAMA5D2 LPDDR2 SIP power-down sequence that starts by asserting the NRST line
to 0. Once NRST is asserted, the supply inputs can be immediately shut down without any specific timing or order
except for DDRM_VDD12 and DDRM_VDD18. VDDBU may not be shut down if the application uses a backup
battery on this supply input. In applications where VDDFUSE is powered, it is mandatory to shut down VDDFUSE
prior to removing any other supply. VDDFUSE can be removed before or after asserting the NRST signal.
Figure 8-2. Recommended Power-down Sequence
t
RSTPD
VDDAUDIOPLL
VDDIOP0
VDDANA
VDDOSC
time
NRST
VDDIOP1
VDDIOP2
VDDISC
VDDSDMMC
DDRM_VDD18
VDDUTMII
No specific order and no
specific timing required
among the channels
except DDRM_VDD12
and DDRM_VDD18
VDDBU
VDDFUSE
VDDCORE
VDDPLLA
VDDHSIC
VDDUTMIC
t
1
DDRM_VDD12, VDDIODDR
t
3
t
2
Table 8-2. Power-down Timing Specification
Symbol
Parameter
Conditions
Min
Max
Unit
tRSTPD
Reset delay at power-down
From NRST low to the first supply turn-off
0
–
ms
t1
VDDFUSE delay at shut-down
From VDDFUSE < 1V to the first supply turn-off
0
–
t2
DDRM_VDD12 to
DDRM_VDD18 delay
From DDRM_VDD12 zeroed to DDRM_VDD18
turn-off
0
–
t3
LPDDR2 power-off delay
From NRST low to DDRM_VDD18 zeroed
–
2000
8.3.2.3
Backup Mode Entry (Shutdown)
The figure below shows the recommended power-down sequence to place the SAMA5D2 LPDDR2 SIP either in
Backup mode or in Backup mode with the LPDDR2 in self-refresh. The SHDN signal, an output of the Shutdown
Controller (SHDWC), signals the shutdown request to the power supply. This output is supplied by VDDBU that is
present in Backup mode. Placing the LPDDR2 memory in self-refresh while in Backup mode requires maintaining
VDDIODDR, DDRM_VDD18 and DDRM_VDD12 as well. One possible way to signal this additional need to the
power supply is to position one of the general-purpose I/Os supplied by VDDBU (PIOBUx) in a predefined state.
SAMA5D2 SIP
Electrical Characteristics
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com