Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 4 Page - Microchip Technology

Part # SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 4 Page - Microchip Technology

  SAMA5D2 Datasheet HTML 1Page - Microchip Technology SAMA5D2 Datasheet HTML 2Page - Microchip Technology SAMA5D2 Datasheet HTML 3Page - Microchip Technology SAMA5D2 Datasheet HTML 4Page - Microchip Technology SAMA5D2 Datasheet HTML 5Page - Microchip Technology SAMA5D2 Datasheet HTML 6Page - Microchip Technology SAMA5D2 Datasheet HTML 7Page - Microchip Technology SAMA5D2 Datasheet HTML 8Page - Microchip Technology SAMA5D2 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
1.
Features
• Arm Cortex-A5 Core
– ARMv7-A architecture
– Arm TrustZone®
– NEON
™ Media Processing Engine
– Up to 500 MHz
– ETM/ETB 8 Kbytes
• Memory Architecture
– Memory Management Unit
– 32-Kbyte L1 data cache, 32-Kbyte L1 instruction cache
– 128-Kbyte L2 cache configurable to be used as an internal SRAM
– DDR2-SDRAM memory up to 1 Gb
– LPDDR2-SDRAM memory up to 2 Gb
– One 128-Kbyte scrambled internal SRAM
– One 160-Kbyte internal ROM
• 64-Kbyte scrambled and maskable ROM embedding bootloader/Secure bootloader
• 96-Kbyte unscrambled, unmaskable ROM for NAND Flash BCH ECC table
– High-bandwidth scramblable 16-bit Double Data Rate (DDR) multiport dynamic RAM controller supporting
Winbond DDR2-SDRAM up to 1 Gb, including “on-the-fly” encryption/decryption path
– High-bandwidth scramblable 32-bit Double Data Rate (DDR) multiport dynamic RAM controller supporting
AP memory LPDDR2-SDRAM up to 2 Gb , including “on-the-fly” encryption/ decryption path
– 8-bit SLC/MLC NAND controller, with up to 32-bit Error Correcting Code (PMECC)
• System Running up to 166 MHz
– Reset controller, shutdown controller, periodic interval timer, independent watchdog timer and secure Real-
Time Clock (RTC) with clock calibration
– One 600 to 1200 MHz PLL for the system and one 480 MHz PLL optimized for USB high speed
– Digital fractional PLL for audio (11.2896 MHz and 12.288 MHz)
– Internal low-power 12 MHz RC and 32 KHz typical RC
– Selectable 32.768-Hz low-power oscillator and 8 to 24 MHz oscillator
– 51 DMA Channels including two 16-channel 64-bit Central DMA Controllers
– 64-bit Advanced Interrupt Controller (AIC)
– 64-bit Secure Advanced Interrupt Controller (SAIC)
– Three programmable external clock signals
• Low-Power Modes
– Ultra-Low-Power mode with fast wake-up capability
– Low-Power Backup mode with 5-Kbyte SRAM and SleepWalking™ features
• Wake-up from up to nine wake-up pins, UART reception, analog comparison
• Fast wake-up capability
• Extended Backup mode with LPDDR2/DDR2-SDRAM in Self-Refresh mode
• Peripherals
– LCD TFT controller up to 1024x768, with four overlays, rotation, post-processing and alpha blending, 24-bit
parallel RGB
– ITU-R BT. 601/656/1120 Image Sensor Controller (ISC) supporting up to 5 M-pixel sensors with a parallel
12-bit interface for Raw Bayer, YCbCr, Monochrome and JPEG-compressed sensor interface
– Two Synchronous Serial Controllers (SSC), two Inter-IC Sound Controllers (I2SC), and one Stereo Class D
amplifier
– One Peripheral Touch Controller (PTC) with up to 8 X-lines and 8 Y-lines (64-channel capacitive touch)
– One Pulse Density Modulation Interface Controller (PDMIC)
SAMA5D2 SIP
Features
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com