Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 6 Page - Microchip Technology

Part # SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 2Page - Microchip Technology SAMA5D2 Datasheet HTML 3Page - Microchip Technology SAMA5D2 Datasheet HTML 4Page - Microchip Technology SAMA5D2 Datasheet HTML 5Page - Microchip Technology SAMA5D2 Datasheet HTML 6Page - Microchip Technology SAMA5D2 Datasheet HTML 7Page - Microchip Technology SAMA5D2 Datasheet HTML 8Page - Microchip Technology SAMA5D2 Datasheet HTML 9Page - Microchip Technology SAMA5D2 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
– True Random Number Generator (TRNG) compliant with NIST Special Publication 800-22 Test Suite and
FIPS PUBs 140-2 and 140-3
• Up to 128 I/Os
– Fully programmable through set/clear registers
– Multiplexing of up to eight peripheral functions per I/O line
– Each I/O line can be assigned to a peripheral or used as a general purpose I/O
– PIO controller features a synchronous output providing up to 32 bits of data output in one write operation
• Operating Conditions
– Ambient temperature: -40°C to +85°C
Note: 
1.
For information specific to dynamic tamper protection (PIOBU), refer to the document SAMA5D2 External
Tamper Protections (document no. 44095). Contact a Microchip sales representative for details.
2.
For environmental monitors, refer to the document SAMA5D23 and SAMA5D28 Environmental Monitors
(document no. 44036), available under Non-Disclosure Agreement (NDA). Contact a Microchip sales
representative for details.
3.
For secure boot strategies, refer to the document SAMA5D2 Series Secure Boot Strategy (document no.
DS00002435), available under Non-Disclosure Agreement (NDA). Contact a Microchip sales representative for
details.
SAMA5D2 SIP
Features
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com