Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 53 Page - Microchip Technology

Part # SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 53 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 48Page - Microchip Technology SAMA5D2 Datasheet HTML 49Page - Microchip Technology SAMA5D2 Datasheet HTML 50Page - Microchip Technology SAMA5D2 Datasheet HTML 51Page - Microchip Technology SAMA5D2 Datasheet HTML 52Page - Microchip Technology SAMA5D2 Datasheet HTML 53Page - Microchip Technology SAMA5D2 Datasheet HTML 54Page - Microchip Technology SAMA5D2 Datasheet HTML 55Page - Microchip Technology SAMA5D2 Datasheet HTML 56Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Architecture
Product Group
ATSAMA5 D225 C - D1M - C U R
Package
Carrier Type
Mask Revision
Temperature Range
Memory Type and Size
Architecture:
ATSAMA5
= Arm Cortex-A5 CPU
Product Group:
D225
= 196-ball general-purpose
microprocessor family
D27
= 289-ball or 361-ball general-
purpose microprocessor family
D28
Memory Type and Size:
D1M
= 128-Mbit DDR2 SDRAM
D5M
= 512-Mbit DDR2 SDRAM
D1G
= 1-Gigabit DDR2 SDRAM
LD1G
= 1-Gigabit LPDDR2 SDRAM
LD2G
= 2-Gigabit LPDDR2 SDRAM
Mask Revision:
C
Package:
C
= BGA
Temperature Range:
U
= -40°C to +85°C (Industrial)
Carrier Type:
Blank
= Standard packaging (tray)
R
= Tape and Reel
Examples:
• ATSAMA5D225C-D1M-CU = ARM Cortex-A5 general-purpose microprocessor, 128-Mbit DDR2 SDRAM, 196-
ball, Industrial temperature, BGA Package.
Note:  Tape and Reel identifier only appears in the catalog part number description. This identifier is used for
ordering purposes and is not printed on the device package
Microchip Devices Code Protection Feature
Note the following details of the code protection feature on Microchip devices:
• Microchip products meet the specification contained in their particular Microchip Data Sheet.
• Microchip believes that its family of products is one of the most secure families of its kind on the market today,
when used in the intended manner and under normal conditions.
• There are dishonest and possibly illegal methods used to breach the code protection feature. All of
these methods, to our knowledge, require using the Microchip products in a manner outside the operating
specifications contained in Microchip’s Data Sheets. Most likely, the person doing so is engaged in theft of
intellectual property.
SAMA5D2 SIP
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com