Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 49 Page - Microchip Technology

Part # SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 49 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 45Page - Microchip Technology SAMA5D2 Datasheet HTML 46Page - Microchip Technology SAMA5D2 Datasheet HTML 47Page - Microchip Technology SAMA5D2 Datasheet HTML 48Page - Microchip Technology SAMA5D2 Datasheet HTML 49Page - Microchip Technology SAMA5D2 Datasheet HTML 50Page - Microchip Technology SAMA5D2 Datasheet HTML 51Page - Microchip Technology SAMA5D2 Datasheet HTML 52Page - Microchip Technology SAMA5D2 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Table 9-3. Package Reference
JEDEC Drawing Reference
NA
J-STD-609 Classification
e8
Table 9-4. 289-ball TFBGA Package Information
Ball Land
0.450 mm ±0.05
Nominal Ball Diameter
0.4 mm
Solder Mask Opening
0.350 mm ±0.05
Solder Mask Definition
SMD
Solder
OSP
9.3
196-ball TFBGA
For mechanical characteristics of the 196-ball TFBGA package, refer to the SAMA5D2 Series data sheet, ref. no.
DS60001476, available on www.microchip.com.
Note:  The weight of the SAMA5D2 SIP is not the same as the weight of SAMA5D2. The SIP weight is given below:
Table 9-5. Device and 196-ball TFBGA Package Weight
Device
Weight (mg)
ATSAMA5D225C-D1M (128 Mb)
240
SAMA5D2 SIP
Mechanical Characteristics
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com