Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 44 Page - Microchip Technology

Part # SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 44 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 40Page - Microchip Technology SAMA5D2 Datasheet HTML 41Page - Microchip Technology SAMA5D2 Datasheet HTML 42Page - Microchip Technology SAMA5D2 Datasheet HTML 43Page - Microchip Technology SAMA5D2 Datasheet HTML 44Page - Microchip Technology SAMA5D2 Datasheet HTML 45Page - Microchip Technology SAMA5D2 Datasheet HTML 46Page - Microchip Technology SAMA5D2 Datasheet HTML 47Page - Microchip Technology SAMA5D2 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Figure 8-4. Recommended Backup Mode Exit (Wake-Up)
VDDANA
VDDOSC
VDDUTMII
VDDAUDIOPLL
VDDIOP0
Group 2
No specific order and no
specific timing required
among these channels
except DDRM_VDD12
and DDRM_VDD18
VDDIOP1
VDDBU
VDDCORE
VDDPLLA
t
1
VDDHSIC
t
2
t
RSTPU
time
NRST
VDDUTMIC
VDDIOP2
VDDISC
VDDSDMMC
VDDFUSE
SHDN
DDRM_VDD18
t
3
DDRM_VDD12, VDDIODDR
t
4
Group 1
Table 8-4. Wake-up Timing Specification
Symbol Parameter
Conditions
Min
Max
Unit
t1
Group 2 to Group 1 delay
Delay from the last Group 2 established(1) supply to the
first Group 1 supply turn-on
1
–
ms
t2
Group 1 delay
Delay from the first Group 1 established supply to the
last Group 1 established supply
–
1
t3
DDRM_VDD18 to
DDRM_VDD12 delay
Delay from the DDRM_VDD18 established to
DDRM_VDD12 turn-on
0
–
t4
LPDDR2 power-on delay
Delay from DDRM_VDD18 turn-on to DDRM_VDD12
established
–
20
tRSTPU
Reset delay at power-up
From the last established supply to NRST high
1
–
Note: 
1.
An “established” supply refers to a power supply established at 90% of its final value.
SAMA5D2 SIP
Electrical Characteristics
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com