Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 5 Page - Microchip Technology

Part # SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 5 Page - Microchip Technology

  SAMA5D2 Datasheet HTML 1Page - Microchip Technology SAMA5D2 Datasheet HTML 2Page - Microchip Technology SAMA5D2 Datasheet HTML 3Page - Microchip Technology SAMA5D2 Datasheet HTML 4Page - Microchip Technology SAMA5D2 Datasheet HTML 5Page - Microchip Technology SAMA5D2 Datasheet HTML 6Page - Microchip Technology SAMA5D2 Datasheet HTML 7Page - Microchip Technology SAMA5D2 Datasheet HTML 8Page - Microchip Technology SAMA5D2 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
– One USB high-speed device port (UDPHS) and one USB high-speed host port or two USB high-speed host
ports (UHPHS)
– One USB high-speed host port with a High-Speed Inter-Chip (HSIC) interface
– One 10/100 Ethernet MAC (GMAC)
• Energy efficiency support (IEEE 802.3az standard)
• Ethernet AVB support with IEEE802.1AS time stamping
• IEEE®802.1Qav credit-based traffic-shaping hardware support
• IEEE1588 Precision Time Protocol (PTP)
– Two high-speed memory card hosts:
• SDMMC0: SD 3.0, eMMC 4.51, 8 bits
• SDMMC1: SD 2.0, eMMC 4.41, 4 bits only
– Two host/client Serial Peripheral Interfaces (SPI)
– Two Quad Serial Peripheral Interfaces (QSPI)
– Five FLEXCOMs (USART, SPI and TWI)
– Five UARTs
– Two host CAN-FD (MCAN) controllers with SRAM-based mailboxes, and time- and event-triggered
transmission
WARNING
MCAN implements the non-ISO CAN FD frame format and therefore does not pass the CAN FD
Conformance Test according to ISO 16845-1:2016.
– One Rx only UART in backup area (RXLP)
– One analog comparator (ACC) in backup area
– Two 2-wire interfaces (TWIHS) up to 400 Kbits/s supporting the I2C protocol and SMBUS (TWIHS)
– Two 3-channel 32-bit Timer/Counters (TC), supporting basic PWM modes
– One full-featured 4-channel 16-bit Pulse Width Modulation (PWM) controller
– One 12-channel, 12-bit, Analog-to-Digital Converter (ADC) with Resistive TouchScreen capability
• Safety
– Zero-power Power-On Reset (POR) cells
– Main crystal clock failure detector
– Write-protected registers
– Integrity Check Monitor (ICM) based on SHA256
– Memory Management Unit
– Independent watchdog
• Security
– 5 Kbytes of internal scrambled SRAM:
• 1 Kbyte non-erasable on tamper detection
• 4 Kbytes erasable on tamper detection
– 256 bits of scrambled and erasable registers
– Up to eight tamper pins for static or dynamic intrusion detections(1)
– Environmental monitors on specific versions: temperature, voltage, frequency and active die shield(2)
– Secure Boot Loader(3)
– On-the-fly AES encryption/decryption on LPDDR2/DDR2-SDRAM and QSPI memories (AESB)
– RTC including time-stamping on security intrusions
– Programmable fuse box with 544 fuse bits (including JTAG protection and BMS)
• Hardware Cryptography
– SHA (SHA1, SHA224, SHA256, SHA384, SHA512): compliant with FIPS PUB 180-2
– AES: 256-, 192-, 128-bit key algorithm, compliant with FIPS PUB 197
– TDES: two-key or three-key algorithms, compliant with FIPS PUB 46-3
SAMA5D2 SIP
Features
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com