Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 40 Page - Microchip Technology

Part # SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 40 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 36Page - Microchip Technology SAMA5D2 Datasheet HTML 37Page - Microchip Technology SAMA5D2 Datasheet HTML 38Page - Microchip Technology SAMA5D2 Datasheet HTML 39Page - Microchip Technology SAMA5D2 Datasheet HTML 40Page - Microchip Technology SAMA5D2 Datasheet HTML 41Page - Microchip Technology SAMA5D2 Datasheet HTML 42Page - Microchip Technology SAMA5D2 Datasheet HTML 43Page - Microchip Technology SAMA5D2 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
8.
Electrical Characteristics
8.1
Recommended Thermal Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
TA
Ambient temperature
–
-40
+85
°C
TJ
Junction temperature
–
-40
+125
°C
RthJA
Junction-to-ambient thermal resistance
BGA196
–
30
°C/W
BGA289
–
28
BGA361
–
27
PD
Allowable power dissipation
BGA196
BGA289
BGA361
TA=70°C
–
1.3
W
TA=85°C
–
1.0
8.2
Decoupling
100 nF (min) decoupling capacitors must be added on each power supply pin, as close as possible to the device.
8.3
Power Sequences
8.3.1
SAMA5D2 DDR2 SIP
DDRM_VDD, DDRM_VDDL and DDRM_VDDQ power rails must be connected to VDDIODDR (1.8V) on the PCB.
Refer to the sections “Power-up Considerations” and “Power-down Considerations” in the SAMA5D2 Series data
sheet, ref. no. DS60001476, available on www.microchip.com.
8.3.2
SAMA5D2 LPDDR2 SIP
The DDRM_VDD12 power rail must be connected to VDDIODDR (1.2V). The DDRM_VDD18 power rail must be
connected to a 1.8V power supply. For Backup with Self-refresh mode, these power supplies must be maintained.
Important:  The sections below supersede “Recommended Power-up Sequence”, “Recommended
Power-up Sequence”, “Power Supply Sequencing at Backup Mode Entry and Exit” in the SAMA5D2 Series
data sheet.
8.3.2.1
Power-up Considerations
At power-up, from a supply sequencing perspective, the SAMA5D2 LPDDR2 SIP power supply inputs are
categorized into two groups:
• Group 1 (core group) contains VDDCORE, VDDUTMIC, VDDHSIC and VDDPLLA.
• Group 2 (periphery group) contains all other power supply inputs except VDDFUSE.
The figure below shows the recommended power-up sequence. Note that:
• VDDBU, when supplied from a battery, is an always-on supply input and is therefore not part of the power
supply sequencing. When no backup battery is present in the application, VDDBU is part of Group 2.
• VDDFUSE is the only power supply that may be left unpowered during operation. This is possible if and
only if the application does not access the Customer Fuse Matrix in Write mode. It is good practice to turn
SAMA5D2 SIP
Electrical Characteristics
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com