Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 8 Page - Microchip Technology

Part # SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 8 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 4Page - Microchip Technology SAMA5D2 Datasheet HTML 5Page - Microchip Technology SAMA5D2 Datasheet HTML 6Page - Microchip Technology SAMA5D2 Datasheet HTML 7Page - Microchip Technology SAMA5D2 Datasheet HTML 8Page - Microchip Technology SAMA5D2 Datasheet HTML 9Page - Microchip Technology SAMA5D2 Datasheet HTML 10Page - Microchip Technology SAMA5D2 Datasheet HTML 11Page - Microchip Technology SAMA5D2 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
3.
LPDDR2-SDRAM Features
• Power Supply: DDRM_VDD18 = 1.7 to 1.9V
• Power Supply: DDRM_VDD12 = 1.14 to 1.3V
• Double Data Rate Architecture: Two Data Transfers per Clock Cycle
• Burst Length (BL): 8
• Write Latency (WL): 1
• Read Latency (RL): 3
• Bi-Directional, Differential Data Strobes (DQS and DQSN) are Transmitted/Received with Data
• Edge-Aligned with Read Data and Center-Aligned with Write Data
• Differential Clock Inputs (CLK and CLKN)
• Data Masks (DM) for Write Data
• Commands Entered on each Positive CLK Edge, Data and Data Mask are Referenced to Both Edges of DQS
• Interface: HSUL_12
• Auto-Refresh and Self-Refresh Modes
• Low Power Consumption
• JEDEC LPDDR2-S4B Compliance
• Partial Array Self-Refresh (PASR)
• Auto Temperature Compensated Self-Refresh (ATCSR) by Built-in Temperature Sensor
• Deep Power-Down Mode
SAMA5D2 SIP
LPDDR2-SDRAM Features
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com