Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 113 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 113 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 109Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 110Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 111Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 112Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 113Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 114Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 115Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 116Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 117Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
UART
Z8 Encore! XP® F08xA Seriess
Product Specification
95
(BRG[15:0]) that sets the data transmission rate (baud rate) of the UART. The UART data
rate is calculated using the following equation:
When the UART is disabled, the Baud Rate Generator functions as a basic 16-bit timer
with interrupt on time-out. To configure the Baud Rate Generator as a timer with interrupt
on time-out, complete the following procedure:
1. Disable the UART by clearing the REN and TEN bits in the UART Control 0 register
to 0.
2. Load the acceptable 16-bit count value into the UART Baud Rate High and Low Byte
registers.
3. Enable the Baud Rate Generator timer function and associated interrupt by setting the
BIRQ
bit in the UART Control 1 register to 1.
When configured as a general purpose timer, the interrupt interval is calculated using the
following equation:
Interrupt Interval (s) = System Clock Period (s) ×BRG[15:0] ]
UART Control Register Definitions
The UART control registers support the UART and the associated Infrared Encoder/
Decoders. For more information about the infrared operation, refer to the Infrared
Encoder/Decoder
chapter on page 104.
UART Transmit Data Register
Data bytes written to the UART Transmit Data register (Table 60) are shifted out on the
TXDx
pin. The Write-only UART Transmit Data register shares a Register File address
with the read-only UART Receive Data register.
Table 60. UART Transmit Data Register (U0TXD)
BITS
7
6
5
4
3
2
1
0
FIELD
TXD
RESET
XX
XX
XXX
X
R/W
WW
WW
WWW
W
ADDR
F40H
UART Data Rate (bits/s)
System Clock Frequency (Hz)
16
UART Baud Rate Divisor Value
×
----------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com