Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 117 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 117 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 113Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 114Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 115Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 116Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 117Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 118Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 119Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 120Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 121Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
UART
Z8 Encore! XP® F08xA Seriess
Product Specification
99
PEN—Parity Enable
This bit enables or disables parity. Even or odd is determined by the PSEL bit.
0 = Parity is disabled.
1 = The transmitter sends data with an additional parity bit and the receiver receives an
additional parity bit.
PSEL—Parity Select
0 = Even parity is transmitted and expected on all received data.
1 = Odd parity is transmitted and expected on all received data.
SBRK—Send Break
This bit pauses or breaks data transmission. Sending a break interrupts any transmission in
progress, so ensure that the transmitter has finished sending data before setting this bit.
0 = No break is sent.
1 = Forces a break condition by setting the output of the transmitter to zero.
STOP—Stop Bit Select
0 = The transmitter sends one stop bit.
1 = The transmitter sends two stop bits.
LBEN—Loop Back Enable
0 = Normal operation.
1 = All transmitted data is looped back to the receiver.
MPMD[1:0]—MULTIPROCESSOR Mode
If MULTIPROCESSOR (9-bit) mode is enabled,
00 = The UART generates an interrupt request on all received bytes (data and address).
01 = The UART generates an interrupt request only on received address bytes.
10 = The UART generates an interrupt request when a received address byte matches the
value stored in the Address Compare Register and on all successive data bytes until an
address mismatch occurs.
11 = The UART generates an interrupt request on all received data bytes for which the
most recent address byte matched the value in the Address Compare Register.
MPEN—MULTIPROCESSOR (9-bit) Enable
This bit is used to enable MULTIPROCESSOR (9-bit) mode.
0 = Disable MULTIPROCESSOR (9-bit) mode.
1 = Enable MULTIPROCESSOR (9-bit) mode.
Table 65. UART Control 1 Register (U0CTL1)
BITS
7
6
5
4
3
2
1
0
FIELD
MPMD[1]
MPEN
MPMD[0]
MPBT
DEPOL
BRGCTL
RDAIRQ
IREN
RESET
00
00
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ADDR
F43H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com