Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 120 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 120 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 116Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 117Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 118Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 119Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 120Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 121Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 122Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 123Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 124Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
UART
Z8 Encore! XP® F08xA Seriess
Product Specification
102
The baud rate error relative to the acceptable baud rate is calculated using the following
equation:
For reliable communication, the UART baud rate error must never exceed 5 percent.
Table 69 provides information about data rate errors for popular baud rates and commonly
used crystal oscillator frequencies.
Table 69. UART Baud Rates
10.0 MHz System Clock
5.5296 MHz System Clock
Acceptable
Rate (KHz)
BRG Divisor
(Decimal)
Actual Rate
(KHz)
Error
(%)
Acceptable
Rate (KHz)
BRG Divisor
(Decimal)
Actual Rate
(KHz)
Error
(%)
1250.0
N/A
N/A
N/A
1250.0
N/A
N/A
N/A
625.0
1
625.0
0.00
625.0
N/A
N/A
N/A
250.0
3
208.33
-16.67
250.0
1
345.6
38.24
115.2
5
125.0
8.51
115.2
3
115.2
0.00
57.6
11
56.8
-1.36
57.6
6
57.6
0.00
38.4
16
39.1
1.73
38.4
9
38.4
0.00
19.2
33
18.9
0.16
19.2
18
19.2
0.00
9.60
65
9.62
0.16
9.60
36
9.60
0.00
4.80
130
4.81
0.16
4.80
72
4.80
0.00
2.40
260
2.40
-0.03
2.40
144
2.40
0.00
1.20
521
1.20
-0.03
1.20
288
1.20
0.00
0.60
1042
0.60
-0.03
0.60
576
0.60
0.00
0.30
2083
0.30
0.2
0.30
1152
0.30
0.00
UART Baud Rate Divisor Value (BRG)
Round
System Clock Frequency (Hz)
16
UART Data Rate (bits/s)
×
----------------------------------------------------------------------------
⎝⎠
⎛⎞
=
UART Baud Rate Error (%)
100
Actual Data Rate
Desired Data Rate
–
Desired Data Rate
-------------------------------------------------------------------------------------------------
⎝⎠
⎛⎞
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com