Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 123 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 123 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 119Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 120Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 121Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 122Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 123Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 124Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 125Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 126Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 127Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Infrared Encoder/Decoder
Z8 Encore! XP® F08xA Series
Product Specification
105
is passed to the Infrared Endec through the RXD pin, decoded by the Infrared Endec, and
passed to the UART. Communication is half-duplex, which means simultaneous data
transmission and reception is not allowed.
The baud rate is set by the UART’s Baud Rate Generator and supports IrDA standard baud
rates from 9600 baud to 115.2 Kbaud. Higher baud rates are possible, but do not meet
IrDA specifications. The UART must be enabled to use the Infrared Endec. The Infrared
Endec data rate is calculated using the following equation:
:
Transmitting IrDA Data
The data to be transmitted using the infrared transceiver is first sent to the UART. The
UART’s transmit signal (TXD) and baud rate clock are used by the IrDA to generate the
modulation signal (IR_TXD) that drives the infrared transceiver. Each UART/Infrared
data bit is 16 clocks wide. If the data to be transmitted is 1, the IR_TXD signal remains
low for the full 16 clock period. If the data to be transmitted is 0, the transmitter first out-
puts a 7 clock low period, followed by a 3 clock high pulse. Finally, a 6 clock low pulse is
output to complete the full 16 clock data period. Figure 16 illustrates IrDA data transmis-
sion. When the Infrared Endec is enabled, the UART’s TXD signal is internal to the Z8
Encore! XP® F08xA Series products while the IR_TXD signal is output through the TXD
pin.
Figure 16.Infrared Data Transmission
Infrared Data Rate (bits/s)
System Clock Frequency (Hz)
16
UART Baud Rate Divisor Value
×
----------------------------------------------------------------------------------------------
=
Baud Rate
IR_TXD
UART’s
16 clock
period
Start Bit = 0
Data Bit 0 = 1
Data Bit 1 = 0
Data Bit 2 = 1
Data Bit 3 = 1
7-clock
delay
3 clock
pulse
TXD
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com