Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 122 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 122 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 118Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 119Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 120Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 121Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 122Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 123Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 124Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 125Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 126Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Infrared Encoder/Decoder
Z8 Encore! XP® F08xA Series
Product Specification
104
Infrared Encoder/Decoder
Overview
The Z8 Encore! XP® F08xA Series products contain a fully-functional, high-performance
UART to Infrared Encoder/Decoder (Endec). The Infrared Endec is integrated with an on-
chip UART to allow easy communication between the Z8 Encore!® and IrDA Physical
Layer Specification, Version 1.3-compliant infrared transceivers. Infrared communication
provides secure, reliable, low-cost, point-to-point communication between PCs, PDAs,
cell phones, printers and other infrared enabled devices.
Architecture
Figure 15 illustrates the architecture of the Infrared Endec.
Figure 15.Infrared Data Communication System Block Diagram
Operation
When the Infrared Endec is enabled, the transmit data from the associated on-chip UART
is encoded as digital signals in accordance with the IrDA standard and output to the infra-
red transceiver through the TXD pin. Likewise, data received from the infrared transceiver
Interrupt
Signal
RXD
TXD
Infrared
Encoder/Decoder
UART
RxD
TxD
System
Clock
I/O
Address
Data
Infrared
Transceiver
RXD
TXD
Baud Rate
Clock
(Endec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com