Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 121 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 121 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 117Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 118Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 119Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 120Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 121Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 122Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 123Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 124Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 125Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
UART
Z8 Encore! XP® F08xA Seriess
Product Specification
103
3.579545 MHz System Clock
1.8432 MHz System Clock
Acceptable
Rate (KHz)
BRG Divisor
(Decimal)
Actual Rate
(KHz)
Error
(%)
Acceptable
Rate (KHz)
BRG Divisor
(Decimal)
Actual Rate
(KHz)
Error
(%)
1250.0
N/A
N/A
N/A
1250.0
N/A
N/A
N/A
625.0
N/A
N/A
N/A
625.0
N/A
N/A
N/A
250.0
1
223.72
-10.51
250.0
N/A
N/A
N/A
115.2
2
111.9
-2.90
115.2
1
115.2
0.00
57.6
4
55.9
-2.90
57.6
2
57.6
0.00
38.4
6
37.3
-2.90
38.4
3
38.4
0.00
19.2
12
18.6
-2.90
19.2
6
19.2
0.00
9.60
23
9.73
1.32
9.60
12
9.60
0.00
4.80
47
4.76
-0.83
4.80
24
4.80
0.00
2.40
93
2.41
0.23
2.40
48
2.40
0.00
1.20
186
1.20
0.23
1.20
96
1.20
0.00
0.60
373
0.60
-0.04
0.60
192
0.60
0.00
0.30
746
0.30
-0.04
0.30
384
0.30
0.00
Table 69. UART Baud Rates (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com