Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 115 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 115 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 111Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 112Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 113Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 114Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 115Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 116Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 117Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 118Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 119Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
UART
Z8 Encore! XP® F08xA Seriess
Product Specification
97
0 = No parity error has occurred.
1 = A parity error has occurred.
OE—Overrun Error
This bit indicates that an overrun error has occurred. An overrun occurs when new data is
received and the UART Receive Data register has not been read. If the RDA bit is reset to
0, reading the UART Receive Data register clears this bit.
0 = No overrun error occurred.
1 = An overrun error occurred.
FE—Framing Error
This bit indicates that a framing error (no Stop bit following data reception) was detected.
Reading the UART Receive Data register clears this bit.
0 = No framing error occurred.
1 = A framing error occurred.
BRKD—Break Detect
This bit indicates that a break occurred. If the data bits, parity/multiprocessor bit, and Stop
bit(s) are all 0s this bit is set to 1. Reading the UART Receive Data register clears this bit.
0 = No break occurred.
1 = A break occurred.
TDRE—Transmitter Data Register Empty
This bit indicates that the UART Transmit Data register is empty and ready for additional
data. Writing to the UART Transmit Data register resets this bit.
0 = Do not write to the UART Transmit Data register.
1 = The UART Transmit Data register is ready to receive an additional byte to be transmit-
ted.
TXE—Transmitter Empty
This bit indicates that the transmit shift register is empty and character transmission is fin-
ished.
0 = Data is currently transmitting.
1 = Transmission is complete.
CTS—CTS signal
When this bit is read it returns the level of the CTS signal. This signal is active Low.
UART Status 1 Register
This register contains multiprocessor control and status bits.
Table 63. UART Status 1 Register (U0STAT1)
BITS
7
6
5
4
3
2
1
0
FIELD
Reserved
NEWFRM
MPRX
RESET
00
00
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com