Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 218 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 218 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 214Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 215Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 216Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 217Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 218Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 219Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 220Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 221Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 222Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Electrical Characteristics
Z8 Encore! XP® F08xA Series
Product Specification
200
Table 126. Temperature Sensor Electrical Characteristics
General Purpose I/O Port Input Data Sample Timing
Figure 32 illustrates timing of the GPIO Port input sampling. The input value on a GPIO
Port pin is sampled on the rising edge of the system clock. The Port value is available to
the eZ8 CPU on the second rising clock edge following the change of the Port value.
Symbol
Parameter
VDD = 2.7 to 3.6V
TA = -40°C to +105°C
Units
Conditions
Minimum
Typical
Maximum
TAERR
Temperature Error
–7
+7
°C
Over the range -40°C
to +105°C (as
measured by ADC)
TAERR
Temperature Error
–1.5
+1.5
°C
Over the range +20°C
to +30°C (as
measured by ADC
TAERR
Temperature Error
TBD
TBD
°C
Over the range -40°C
to +105°C (as
measured by
comparator)
tWAKE
Wakeup Time
80
100
us
Time required for
Temperature Sensor
to stabilize after
enabling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com