Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 217 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 217 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 213Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 214Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 215Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 216Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 217Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 218Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 219Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 220Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 221Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Electrical Characteristics
Z8 Encore! XP® F08xA Series
Product Specification
199
Table 125. Comparator Electrical Characteristics
VosTA
Transimpedance Amplifier
Input Offset Voltage
(Temperature Drift)
110
µV/C Over the range of
-10°C to +40°C
IoutTA
Transimpedance Amplifier
Output Drive Current
50
µA
Amplifier output voltage
Vout
← 1.5V; above
this output voltage,
maximum output
current drops off
ICC
STOP Mode Current with
Transimpedance Amplifier
Active
10
µA
No other peripherals
are enabled
Symbol
Parameter
VDD = 2.7 to 3.6V
TA = -40°C to +105°C
Units
Conditions
Minimum
Typical
Maximum
VOS
Input DC Offset
5
mV
VCREF
Programmable Internal
Reference Voltage Range
0
1.8
V
User-programmable
in 200mV step
VCREF
Programmable Internal
Reference Voltage
0.92
1.0
1.08
V
Default
(CMP0[REFLVL]=5H)
TPROP
Propagation Delay
100
ns
VHYS
Input Hysteresis
4
mV
Table 124. Analog-to-Digital Converter Electrical Characteristics and Timing (Continued)
Symbol
Parameter
VDD = 2.7 to 3.6V
TA = -40°C to +105°C
Units
Conditions
Minimum
Typical
Maximum
1 Analog source impedance affects the ADC offset voltage (because of pin leakage) and input settling
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com