Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 214 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 214 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 210Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 211Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 212Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 213Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 214Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 215Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 216Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 217Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 218Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Electrical Characteristics
Z8 Encore! XP® F08xA Series
Product Specification
196
Table 122. Flash Memory Electrical Characteristics and Timing
Parameter
VDD = 2.7 to 3.6V
TA = -40°C to +105°C
Units
Notes
Minimum
Typical
Maximum
Flash Byte Read Time
100
–
–
ns
Flash Byte Program Time
20
–
40
µs
Flash Page Erase Time
10
–
–
ms
Flash Mass Erase Time
200
–
–
ms
Writes to Single Address
Before Next Erase
––
2
Flash Row Program Time
–
–
8
ms
Cumulative program time for
single row cannot exceed limit
before next erase. This
parameter is only an issue
when bypassing the Flash
Controller.
Data Retention
100
–
–
years
25°C
Endurance
10,000
–
–
cycles Program / erase cycles
Table 123. Watch-Dog Timer Electrical Characteristics and Timing
Symbol
Parameter
VDD = 2.7 - 3.6V
TA = -40°C to +105°C
Units
Conditions
Minimum
Typical
Maximum
FWDT
WDT Oscillator Frequency
10
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com