Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 210 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 210 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 206Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 207Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 208Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 209Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 210Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 211Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 212Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 213Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 214Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Electrical Characteristics
Z8 Encore! XP® F08xA Series
Product Specification
192
DC Characteristics
Table 119 lists the DC characteristics of the Z8 Encore! XP® F08xA Series products. All
voltages are referenced to VSS, the primary system ground.
Table 119. DC Characteristics
Symbol Parameter
TA = -40°C to +105°C
Units Conditions
Minimum
Typical
Maximum
VDD
Supply Voltage
2.7
–
3.6
V
VIL1
Low Level Input Voltage
-0.3
–
0.3*VDD
V
For all input pins except RESET.
VIL2
Low Level Input Voltage
-0.3
–
0.8
V
For RESET.
VIH1
High Level Input Voltage
2.0
–
5.5
V
For all input pins without analog
or oscillator function.
VIH2
High Level Input Voltage
2.0
–
VDD+0.3
V
For those pins with analog or
oscillator function.
VOL1
Low Level Output
Voltage
––
0.4
V
IOL = 2mA; VDD = 3.0V
High Output Drive disabled.
VOH1
High Level Output
Voltage
2.4
–
–
V
IOH = -2mA; VDD = 3.0V
High Output Drive disabled.
VOL2
Low Level Output
Voltage
––
0.6
V
IOL = 20mA; VDD = 3.3V
High Output Drive enabled.
VOH2
High Level Output
Voltage
2.4
–
–
V
IOH = -20mA; VDD = 3.3V
High Output Drive enabled.
IIL
Input Leakage Current
-5
–
+5
µA
VDD = 3.6V;
VIN = VDD or VSS
1
ITL
Tristate Leakage Current
-5
–
+5
µA
VDD = 3.6V
ILED
Controlled Current Drive
1.8
3
4.5
mA {AFS2,AFS1} = {0,0}
2.8
7
10.5
mA {AFS2,AFS1} = {0,1}
7.8
13
19.5
mA {AFS2,AFS1} = {1,0}
12
20
30
mA {AFS2,AFS1} = {1,1}
CPAD
GPIO Port Pad
Capacitance
–8.02
–pF
TBD
CXIN
XIN Pad Capacitance
–
8.02
–pF
TBD
CXOUT XOUT Pad Capacitance
–
9.52
–pF
TBD
IPU
Weak Pull-up Current
30
100
350
µA
VDD = 3.0 - 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com