Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 211 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 211 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 207Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 208Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 209Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 210Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 211Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 212Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 213Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 214Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 215Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Electrical Characteristics
Z8 Encore! XP® F08xA Series
Product Specification
193
Figure 31 illustrates the typical current consumption while operating at 25ºC, 3.3V, versus
the system clock frequency.
ICCH
Supply Current in Halt
Mode
TBD
mA
TBD
ICCS
Supply Current in STOP
Mode
2
µA
With watchdog timer running
1 This condition excludes all pins that have on-chip pull-ups, when driven Low.
2 These values are provided for design guidance only and are not tested in production.
Figure 31. ICC Versus System Clock Frequency
Table 119. DC Characteristics (Continued)
Symbol Parameter
TA = -40°C to +105°C
Units Conditions
Minimum
Typical
Maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com