Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 209 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 209 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 205Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 206Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 207Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 208Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 209Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 210Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 211Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 212Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 213Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Electrical Characteristics
Z8 Encore! XP® F08xA Series
Product Specification
191
Electrical Characteristics
The data in this chapter is pre-qualification and pre-characterization and is subject to
change. Additional electrical characteristics may be found in the individual chapters.
Absolute Maximum Ratings
Stresses greater than those listed in Table 118 may cause permanent damage to the device.
These ratings are stress ratings only. Operation of the device at any condition outside those
indicated in the operational sections of these specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
For improved reliability, tie unused inputs to one of the supply voltages (VDD or VSS).
Table 118. Absolute Maximum Ratings
Parameter
Minimum
Maximum
Units
Notes
Ambient temperature under bias
0
+105
°C
1
Storage temperature
-65
+150
°C
Voltage on any pin with respect to VSS
-0.3
+5.5
V
2
Voltage on VDD pin with respect to VSS
-0.3
+3.6
V
Maximum current on input and/or inactive output pin
-5
+5
µA
Maximum output current from active output pin
-25
+25
mA
20-pin Packages Maximum Ratings at 0°C to 70°C
Total power dissipation
430
mW
Maximum current into VDD or out of VSS
120
mA
28-pin Packages Maximum Ratings at 0°C to 70°C
Total power dissipation
450
mW
Maximum current into VDD or out of VSS
125
mA
Operating temperature is specified in DC Characteristics
1. This voltage applies to all pins except the following: VDD, AVDD, pins supporting analog input (Port B[5:0], Port
C[2:0]) and pins supporting the crystal oscillator (PA0 and PA1). On the 8-pin packages, this applies to all pins
but VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com