Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 212 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 212 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 208Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 209Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 210Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 211Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 212Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 213Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 214Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 215Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 216Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Electrical Characteristics
Z8 Encore! XP® F08xA Series
Product Specification
194
AC Characteristics
The section provides information about the AC characteristics and timing. All AC timing
information assumes a standard load of 50pF on all outputs.
Table 120. AC Characteristics
Symbol
Parameter
VDD = 2.7 to 3.6V
TA = -40°C to +105°C
Units
Conditions
Minimum Maximum
FSYSCLK System Clock Frequency
–
20.0
MHz
Read-only from Flash memory
0.032768
20.0
MHz
Program or erasure of the
Flash memory
FXTAL
Crystal Oscillator Frequency
1.0
20.0
MHz
System clock frequencies
below the crystal oscillator
minimum require an external
clock driver.
FIPO
Internal Precision Oscillator
Frequency
0.032768
5.5296
MHz
Oscillator is not adjustable over
the entire range. User may
select Min or Max value only.
FIPO
Internal Precision Oscillator
Frequency
5.31
5.75
MHz
High speed with trimming
FIPO
Internal Precision Oscillator
Frequency
4.15
6.91
MHz
High speed without trimming
FIPO
Internal Precision Oscillator
Frequency
30.7
33.3
KHz
Low speed with trimming
FIPO
Internal Precision Oscillator
Frequency
24
40
KHz
Low speed without trimming
TXIN
System Clock Period
50
–
ns
TCLK = 1/Fsysclk
TXINH
System Clock High Time
20
30
ns
TCLK = 50ns
TXINL
System Clock Low Time
20
30
ns
TCLK = 50ns
TXINR
System Clock Rise Time
–
3
ns
TCLK = 50ns
TXINF
System Clock Fall Time
–
3
ns
TCLK = 50ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com