Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 213 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 213 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 209Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 210Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 211Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 212Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 213Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 214Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 215Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 216Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 217Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Electrical Characteristics
Z8 Encore! XP® F08xA Series
Product Specification
195
On-Chip Peripheral AC and DC Electrical Characteristics
Table 121. Power-On Reset and Voltage Brown-Out Electrical Characteristics and Timing
Symbol Parameter
TA = -40°C to +105°C
Units
Conditions
Minimum
Typical1
Maximum
VPOR
Power-On Reset Voltage
Threshold
2.20
2.45
2.70
V
VDD = VPOR (default VBO
trim)
VVBO
Voltage Brown-Out
Reset Voltage Threshold
2.15
2.40
2.65
V
VDD = VVBO (default VBO
trim)
VPOR to VVBO hysteresis
50
75
mV
Starting VDD voltage to
ensure valid Power-On
Reset.
–VSS
–V
TANA
Power-On Reset Analog
Delay
–50
–
µsV
DD > VPOR; TPOR Digital
Reset delay follows TANA
TPOR
Power-On Reset Digital
Delay
TBD
16
TBD
µs
66 Internal Precision
Oscillator cycles
TPOR
Power-On Reset Digital
Delay
TBD
1
TBD
ms
5000 Internal Precision
Oscillator cycles
TSMR
STOP Mode Recovery
with crystal oscillator
disabled
TBD
16
TBD
µs
66 Internal Precision
Oscillator cycles
TSMR
STOP Mode Recovery
with crystal oscillator
enabled
TBD
1
TBD
ms
5000 Internal Precision
Oscillator cycles
TVBO
Voltage Brown-Out
Pulse Rejection Period
–10
–
µs
VDD < VVBO to generate a
Reset.
TRAMP Time for VDD to transition
from VSS to VPOR to
ensure valid Reset
0.10
–
100
ms
1 Data in the typical column is from characterization at 3.3V and 0°C. These values are provided for
design guidance only and are not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com