Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACPZ-1-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP5350ACPZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACPZ-1-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP5350ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 24Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 25Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 26Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 27Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 25 of 63
Battery Temperature from I2C
If a microcontroller has another accuracy temperature sense in
system, it can select the temperature source via the I2C setting
and write the temperature value to the BAT_TEMP[5:0] bits.
The I2C source battery temperature range is between −2°C
and +61°C.
JEITA Li-Ion Battery Temperature Charging Specification
The charge of the ADP5350 is compliant with the JEITA Li-Ion
battery charging temperature specifications, as shown in
Table 14.
The JEITA function is enabled via the I2C interface. When the
ADP5350 detects a JEITA cool condition, charging current is
reduced according to Table 13.
When the ADP5350 identifies a hot or cold battery condition,
the battery isolation FET turns on and the dc-to-dc regulator
shuts down. In this condition, the battery provides the VISOS supply.
Table 13. JEITA Cool Temperature Limit—Reduced Charge
Current Levels
ICHG[3:0]
ICHG JEITA (mA)
ILIM_JEITA_COOL = 0
ILIM_JEITA_COOL = 1
0000 = 25 mA
25
25
0001 = 50 mA
25
25
0010 = 75 mA
25
25
0011 = 100 mA
50
25
0100 = 125 mA
50
25
0101 = 150 mA
75
25
0110 = 200 mA
100
25
0111 = 250 mA
125
25
1000 = 300 mA
150
50
1001 = 350 mA
175
50
1010 = 400 mA
200
50
1011 = 450 mA
225
50
1100 = 500 mA
250
50
1101 = 550 mA
275
50
1110 = 600 mA
300
50
1111 = 650 mA
325
50
Table 14. JEITA Default Li-Ion Battery Charging Specifications
Parameter
Symbol
Conditions
Min
Max
Unit
JEITA Cold Temperature Limits
TJEITA_COLD
No battery charging occurs.
0
°C
JEITA Cool Temperature Limits
TJEITA_COOL
Battery charging occurs at approximately 50% or 10% of
programmed level. See Table 13 for specific charging current
reduction levels.
0
10
°C
JEITA Typical Temperature Limits
TJEITA_TYP
Normal battery charging occurs at default/programmed levels.
10
45
°C
JEITA Warm Temperature Limits
TJEITA_WARM
Battery termination voltage (VTRM) is reduced by 100 mV from the
programmed value.
45
60
°C
JEITA Hot Temperature Limits
TJEITA_HOT
No battery charging occurs.
60
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com