Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACPZ-1-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5350ACPZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACPZ-1-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5350ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 6 of 63
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
BATTERY DETECTION
Sink Current
ISINK
15
25
35
mA
Source Current
ISOURCE
7
10
13
mA
Battery Threshold
Low
VBATL
1.8
1.9
2.0
V
High
VBATH
3.3
3.4
3.55
V
Battery Detection Timer
tBATOK
333
ms
TIMERS
Start Charging Delay Timer
tSTART
1
sec
Trickle Charge Timer2
tTRK
60
min
Fast Charge Timer2
tCHG
600
min
Charge Complete Timer
tEND
VBSNS = VTRM, ICHG < IEND
7.5
min
Deglitch Timer
tDG
Applies to VTRM, VRCH, IEND, VWEAK, VTRK_DEAD,
VVBUSOK_FALL, and VVBUSOK_RISE
31
ms
Watchdog Timer2
tWD
32
sec
Safety Timer
tSAFE
40
min
Battery Node Short Timer2
tBAT_SHR
30
sec
I2C (SCL AND SDA)
Input Voltage
Low Level
VIL
Applies to SCL, SDA
0.5
V
High Level
VIH
Applies to SCL, SDA
1.2
V
Low Level Output Voltage
VOL
Applies to SDA, ISDA_SINK = 2 mA
0.4
V
PGOOD AND BATOK
PGOOD Pin
Leakage Current
IPGOOD_LEAK
VPGOOD = 5 V
0.5
μA
Output Low Voltage
VPGOOD_LOW
IPGOOD = 1 mA
50
100
mV
BATOK Pin
Leakage Current
IBATOK_LEAK
VBATOK = 5 V
0.5
μA
Output Low Voltage
VBATOK_LOW
IBATOK = 1 mA
50
100
mV
1
Specification is not production tested, but is supported by characterization data at initial product release.
2
These values are programmable via the I2C interface. Values are given with default register values.
3
Guaranteed by design.
4
Typical temperature is the normal operation temperature.
BATTERY FUEL GAUGE SPECIFICATIONS
VVIN4 = VVIN123 = VISOS= 4.2 V, TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical specifications,
unless otherwise noted
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
BATTERY VOLTAGE MONITORING
Battery Monitor Voltage
Range
2.7
4.5
V
Resolution
Based on 12-bit ADC
1.09
mV
Voltage Reading Accuracy
TJ = 25°C
−12.5
+12.5
mV
TJ = 0°C to +85°C
−30
+30
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com