Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACPZ-1-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP5350ACPZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACPZ-1-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP5350ACPZ-1-R7 Datasheet HTML 25Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 26Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 27Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 30Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 29 of 63
BOOST AND WHITE LED DRIVERS
The ADP5350 integrates a powerful 1.5 MHz frequency boost
regulator with programmable LED control. Different LED
configurations, like LEDs in parallel or LEDs in serial, are
supported with careful design. Up to five LED strings are
independently programmable up to 20 mA (typical) in 64 levels.
All LED strings can be individually programmed or combined
into a group to operate as the backlight LEDs or individual LED
current sinks.
A full suite of safety features, including current-limit, overvoltage,
LED open-circuit, and overtemperature protection, allows a
robust and safe design. The integrated soft start limits inrush
currents during start-up and restart attempts.
White LED Driver
White LEDs are common in backlighting the displays of
modern portable devices. White LEDs require a high forward
voltage, VF (typically 3.3 V), before conducting current and
emitting light. Display panels, depending on the size, can be
backlit with multiple white LEDs in series or in parallel. The
LEDs need a common current passing through all of them to
achieve uniform brightness. The LED, however, must be biased
with a voltage greater than the sum of each LED VF voltage
before it can conduct.
The ADP5350 integrates a 1.5 MHz boost regulator to power
the LED bias voltage. If the LED forward voltage plus the
current sink headroom voltage is higher than the battery
voltage, the boost regulator turns on. If the battery voltage is
higher than the sum of the LED forward voltage plus the
required current sink headroom voltage, the boost regulator
operates in passthrough mode.
The ADP5350 uses an integrated negative channel field effect
transistor (NFET) low-side current regulator for accurate
brightness control, with up to five channels of current sink.
The ADP5350 supports setting different LED currents for each
LED string. Any mismatch in the forward voltage of the LEDs
translates directly to lower efficiency, as well as lower accuracy
of the current for the lower voltage LED string.
The boost regulator in the ADP5350 has two operation modes,
LED operation mode and boost standalone operation mode,
which can be selected via the I2C-compatible interface.
LED Operation Mode
When the boost regulator is required to provide a higher output
voltage to the LED bias voltage, the boost regulator must be
configured in LED operation mode by setting BST_MODE = 0
in the BST_CFG register.
In LED operation mode, the boost regulator provides the
adaptive LED bias voltage with adaptive headroom regulation to
optimize the system efficiency against LED forward voltage
variation and aging. The boost regulator is attached to the LED
current source control and, therefore, is automatically activated
by any active LED current source. The EN_BST bit is not
effective in this mode.
Because the LED bias voltage may be coming from the battery
system voltage instead of the boost output voltage (for example,
LED indicators with relatively low forward voltage), those LEDs
can be used in individual current sink channels by using the
battery system voltage as the LED bias voltage. Use the BST_BL
bit in the BST_CFG register to determine whether the bias
voltage for individual current sink channels is coming from the
boost regulator output or from the battery system voltage.
Write 0 to BST_BL to set the boost regulator to provide the bias
voltage for all active LED channels. In this configuration, the
boost regulator provides the adaptive headroom regulation
according to all active LED current sources, including both
backlight and individual current sinks.
Write 1 to BST_BL to set the boost regulator to provide the bias
voltage only for the active LED backlight channels, excluding
individual current sink. The bias voltage for an individual LED
sink can be from the battery system voltage or from some other
fixed rail; therefore, the headroom status in individual LED
sinks does not affect the boost output regulation. BST_BL must
be set to 1 when the indicator LED is connected to the battery
system voltage instead of the boost output voltage; otherwise,
the boost voltage may risk an overvoltage. The adaptive headroom
control in the boost regulator may include individual LED
channels whose bias voltage is not coming from the boost
regulator.
The boost feedback pin (FB4 pin) is tied to ground in LED
operation mode.
Boost Standalone Operation Mode
When the boost regulator is used to provide the fixed output
voltage for other system uses, including organic light emitting
diode (OLED) backlight, audio system, or other auxiliary
circuitries, the boost regulator must be configured in standalone
operation mode by setting BST_MODE = 1 in the BST_CFG
register. It is recommended that total output power be limited
below 800 mW when the boost peak current is set to 600 mA.
In standalone operation mode, the boost regulator provides the
adjustable output voltage, VOUT4, configured by the external
resistor divider.
VOUT4 = VFB4 × (RFB1 + RFB2)/RFB2
The activation status of the boost regulator is determined by the
EN_BST bit in the BST_CFG register. In boost standalone
operation mode, all LED functions are turned off and not
allowed.
In standalone operation mode, the boost feedback pin (FB4 pin)
must be tied to the boost output through an external resistor
divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com