Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACPZ-1-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5350ACPZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACPZ-1-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5350ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 5 of 63
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DC to DC Power
PMOS On Resistance
RDSON_P
220
280
mΩ
NMOS On Resistance
RDSON_N
160
210
mΩ
SW1x Pin Leakage Current
ISW1x
VSW1x = 5.0 V
2
µA
BATTERY ISOLATION FIELD EFFECT
TRANSISTOR (FET)
LFCSP Package
202
300
mΩ
WLCSP Package
125
170
mΩ
VISOS_FC
VTRK_DEAD < VBSNS, fast charging constant
current mode
3.15
3.3
3.45
V
Battery Supplementary Threshold
VTH_ISO
VISOS < VISOB
0
5
14
mV
HIGH VOLTAGE BLOCKING FET
VBUSx Input
High Voltage Blocking FET On
Resistance
RDSON_HV
IVBUS = 100 mA, TJ = 0°C to 85°C
330
mΩ
Current, Suspend Mode
ISUSPEND
EN_DCDC = low
1.45
1.8
mA
Input Voltage
Power-Good Threshold
VVBUSOK
Rising
VVBUSOK_RISE
3.77
3.9
4.03
V
Falling
VVBUSOK_FALL
3.47
3.6
3.73
V
Overvoltage Threshold
VVBUS_OV
5.38
5.45
5.53
V
Overvoltage Threshold
Hysteresis
75
mV
THERMAL CONTROL
Thermal Early Warning
Temperature1
TSD_W
130
°C
Thermal Shutdown Temperature1
TSD
TJ rising
140
°C
TJ falling
110
°C
THERMISTOR CONTROL
Resistance Thresholds by Battery
Temperature4
RNTC = 47 kΩ, BETA_NTC = 3800,
TJ = 0°C to +85°C
LFCSP Package
Cool to Cold
RCOOL_COLD
131
151.2
175
kΩ
Cold to Cool
RCOLD_COOL
126
145.6
168
kΩ
Typical to Cool4
RTYP_COOL
75
86.5
99
kΩ
Cool to Typical4
RCOOL_TPY
72.5
83.1
95
kΩ
Warm to Typical4
RWARM_TYP
20
23.7
27
kΩ
Typical to Warm4
RTYP_WARM
19.3
22
24.6
kΩ
Hot to Warm
RHOT_WARM
12
13.9
16
kΩ
Warm to Hot
RWARM_HOT
11
12.7
14.4
kΩ
WLCSP Package
Cool to Cold
RCOOL_COLD
140
162
185
kΩ
Cold to Cool
RCOLD_COOL
133
156
180
kΩ
Typical to Cool4
RTYP_COOL
77
90
102
kΩ
Cool to Typical4
RCOOL_TPY
75
86
100
kΩ
Warm to Typical4
RWARM_TYP
20
23
26
kΩ
Typical to Warm4
RTYP_WARM
18.5
21
24
kΩ
Hot to Warm
RHOT_WARM
11.5
13
15
kΩ
Warm to Hot
RWARM_HOT
10.5
12
13.5
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com