Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACPZ-1-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADP5350ACPZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACPZ-1-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADP5350ACPZ-1-R7 Datasheet HTML 47Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 48Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 49Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 50Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 51Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 52Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 53Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 54Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 51 of 63
Table 63. ILED5_SET, Register Address 0x2C Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
BL_LED5
R/W
0
This bit sets LED5 as the grouped backlight or individual current sink.
0 = set as individual current sink.
1 = set as grouped backlight.
6
Not used
R
Not used.
[5:0]
ILED5[5:0]
R/W
000000
Those bits set the individual LED current setting for LED5. This
setting is not effective if LED5 is configured as the grouped LED
backlight. A square law algorithm for 64 levels is used.
000000 = 0 mA.
000001 = 0.005 mA.
000010 = 0.020 mA.
…
111101 = 18.750 mA.
111110 = 19.370 mA.
111111 = 20 mA.
Table 64. BL_FR, Register Address 0x2D Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:4]
BL_FO[3:0]
R/W
0000
These bits set the fade out timer for the grouped LED backlight. The
timer setting applies to the specific time starting from the maximum
LED current code fade out to zero. Therefore, the real fade out time is
shorter if the maximum LED current code is not being used.
0000 = fade-out disabled.
0001 = 0.3 sec.
0010 = 0.6 sec.
…
1101 = 3.9 sec.
1110 = 4.2 sec.
1111 = 4.5 sec.
[3:0]
BL_FI[3:0]
R/W
0000
These bits set the fade in timer for the grouped LED backlight. The
timer setting applies to the specific time starting from zero fading
into the maximum LED current code. Therefore, the real fade in time
is shorter if the maximum LED current code is not being used.
0000 = fade in disabled.
0001 = 0.3 sec.
0010 = 0.6 sec.
…
1101 = 3.9 sec.
1110 = 4.2 sec.
1111 = 4.5 sec.
Table 65. LED3_BLINK, Register Address 0x2E Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:4]
LED3_OFF[3:0]
R/W
0000
These bits set the off timer for the LED3 blinking feature (not
effective if this LED channel is configured as the grouped LED
backlight).
0000 = the blinking feature is disabled.
0001 = 0.250 sec.
0010 = 0.500 sec.
0011 = 0.750 sec.
…
1110 = 3.500 sec.
1111 = 3.750 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com