Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACPZ-1-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5350ACPZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACPZ-1-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP5350ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 3 of 63
DETAILED FUNCTIONAL BLOCK DIAGRAM
Figure 2. Detailed Functional Block Diagram
ADP5350
VBUSA
VBUSB
SCL
SDA
INT
PGOOD
BATOK
VIN4
FB4
VOUT4
PGND4
HIGH VOLTAGE
BLOCKING FET
CFL2
AGND
HIGH
VOLTAGE
FET
I2C INTERFACE,
FUEL GAUGE
ALGORITHM
AND
LOGIC CONTROL
HV
BOOST
5.4V
0.5V
3.9V
VIN123
LDO1
CONTROL
VOUT1
LDO2
CONTROL
VOUT2
LDO3
CONTROL
REFERENCE
BUFFER
LED
CONTROL
NTC
CURRENT
CONTROL
CHARGE
CONTROL
VOUT3
SW4
25kHz
OSC
D1
THR
BSNS
D2
D3
D4
D5
12-BIT
ADC
ISOB
ISOS
ISOB
ISOS
PGND1B
PGND1A
SW1A
BATTERY
DETECTION
SINK
CFL1
TRICKLE
SOURCE
ISOLATION
FET
CMP
ILIM
BUCK
CONTROL
SW1B
IND_PEAK_INT
PEAK
CURRENT
DETECTION
CFL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com