Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACPZ-1-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP5350ACPZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACPZ-1-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP5350ACPZ-1-R7 Datasheet HTML 26Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 27Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 30Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 30 of 63
Figure 48 shows the typical boost regulator diagram in standalone
operation. Table 16 summarizes the difference between LED
operation mode and standalone operation mode. Table 16
provides four programmable OVP thresholds according to the
boost output voltage. The various OVP thresholds provide
different internal compensation depending on the boost output
voltage. It strongly recommended to select the proper OVP level
related to the set output voltage.
Figure 48. Boost Regulator in Standalone Operation Mode
Table 16. Two Operation Modes for the Boost Regulator
Operation
LED Operation
Mode
Standalone
Operation Mode
Activation
Control
Activated by active
LED EN_LEDx
Activated by EN_BST
Output
Regulation
Adaptive to LED VF
voltage variation
Fixed and determined
by external resistor
divider
FB4 Pin
Tied to ground
Tied to boost output
via resistor divider
OVP
5.6 V, 10 V, 15 V, or
18.5 V threshold on
the VOUT4 pin
5.6 V, 10 V, 15 V, or
18.5 V threshold on
the VOUT4 pin
PGOOD Indicator of Boost Output
In boost standalone mode, the PGOOD pin can be programmed
to indicate whether the boost PGOOD signal is output to the
external PGOOD pin by setting the PG4_BST_MASK bit high
in Register 0x37. The ADP5350 monitors the FB4 pin voltage,
and asserts the PGOOD signal high when the FB4 pin voltage
reaches up to 90% of the typical voltage with a typical 2 ms
deglitch time. The PGOOD signal asserts low when the FB4 pin
voltage drops to 86.5% of the typical voltage.
The boost output PGOOD status can be read via the I2C
interface, Register 0x36, Bit 1.
Soft Start
The boost regulator in the ADP5350 includes soft start circuitry
that ramps the output voltage in a controlled manner during
startup, thereby limiting the inrush current of the battery. The
soft start time is typically fixed at 1 ms for the boost regulator.
Backlight Current Settings
The backlight current setting is determined by a 6-bit code
programmed by the user via the IBL_SET[5:0] bits. This 6-bit
code allows the user to set the backlight to one of 64 levels
between 0 mA and 20 mA.
The ADP5350 uses a square law algorithm for the 64 levels,
where the backlight current increases linearly for a corresponding
increase of input code. The backlight current, in milliamperes
(mA), is determined by the following equations:
2
63
)
(
−
×
=
Current
Scale
Full
Code
mA
Current
Backlight
where:
Code is the input code programmed by the user.
Full-Scale Current is the maximum sink current allowed
(typically, 20 mA).
Figure 49. Backlight Current vs. Sink Current Code
Backlight Linear Fade In and Fade Out
When the ADP5350 operates in normal operation, the backlight
can be turned on using the EN_BL bit. The backlight turns on
when EN_BL = 1, and turns off when EN_BL = 0.
To prevent abrupt turn on and turn off of the backlight, the
ADP5350 contains timers to facilitate smooth fading between
the turn on and turn off states. Fading is implemented using the
square law backlight code algorithm.
The BL_FI timer and BL_FO timer in the BL_FR register can be
used for smooth fade in transitions from a low to high backlight
setting. The BL_FI timer and BL_FO timer can be programmed
to one of 15 settings ranging from 0.3 sec to 4.5 sec. The timer
must be programmed before asserting EN_BL.
C10
10µF
ADP5350
VOUT4 (UP TO 16V)
AGND
RFB1
RFB2
PGND4
BOOST
REGULATOR
VISOS
L2
4.7µH
C9
4.7µF
LED DRIVER
OLED
(OR OTHER
LOAD)
FB4
VOUT4
D1
D2
D3
D4
D5
SW4
25
20
10
15
5
0
0
10
20
30
40
50
60
70
SINK CURRENT CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com