Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACPZ-1-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADP5350ACPZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACPZ-1-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADP5350ACPZ-1-R7 Datasheet HTML 55Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 56Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 57Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 58Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 59Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 60Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 61Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 62Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 63Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 59 of 63
CFL2 Capacitor Selection
The CFL2 pin is the internal regulator output that provides the
power supply for post stage control circuits, including the fuel
gauge, boost LED, and LDOs. To ensure stable performance of
the internal regulator, the recommended components for the
CFL2 capacitor are given in Table 85.
ISOS and ISOB Capacitor Selection
Higher output capacitor values reduce the output voltage ripple
and improve load transient response. When choosing this value,
it is also important to account for the loss of capacitance due to
output voltage dc bias.
To guarantee the performance of the charger in various operation
modes, including trickle charge, CC charge, and CV charge, it is
imperative that the effects of dc bias, temperature, and tolerances
on the behavior of the capacitors be evaluated for each
application.
The peak-to-peak output voltage ripple for the selected output
capacitor and inductor values is calculated using the following
equation:
OUT
SW
RIPPLE
RIPPLE
C
f
I
V
×
×
=
8
Capacitors with lower effective series resistance (ESR) are
preferable to guarantee low output voltage ripple, as shown in
the following equation:
RIPPLE
RIPPLE
COUT
I
V
ESR
≤
Table 83. Suggested VBUSx Capacitors
Vendor
Part Number
Value (µF)
Voltage (V)
Size
Murata
GRM188R61E225K
2.2
25
0603
TDK
C1608X5R1E225
2.2
25
0603
Table 84. Suggested CFL1 Capacitors
Vendor
Part Number
Value (µF)
Voltage (V)
Size
Murata
GRM188R60J475K
4.7
6.3
0603
TDK
C1608X5R0J475K
4.7
6.3
0603
Table 85. Suggested CFL2 Capacitors
Vendor
Part Number
Value (µF)
Voltage (V)
Size
Murata
GRM188R60J225K
2.2
6.3
0603
TDK
C1608X5R0J475K
2.2
6.3
0603
Table 86. Suggested ISOS and ISOB Capacitors
Vendor
Part Number
Value
(µF)
Voltage
(V)
Size
Murata
GRM188R60J106K
10
6.3
0603
TDK
C1608X5R0J106M080AB
10
6.3
0603
LDO Capacitor Selection
Connecting a 1 μF capacitor from VIN123 to AGND reduces
the circuit sensitivity to the PCB layout, especially when long
input traces or high source impedance are encountered.
The ADP5350 is designed for operation with small, space-saving
ceramic capacitors, but functions with most commonly used
capacitors as long as care is taken with regard to the ESR value.
The ESR of the output capacitor affects the stability of the LDO
control loop. A minimum of 1 μF capacitance with an ESR of
1 Ω or less is recommended to ensure stability of the ADP5350.
Transient response to changes in load current is also affected by
output capacitance. Using a larger value of output capacitance
improves the transient response of the ADP5350 to large changes
in load current.
Table 87. Suggested LDO Capacitors
Vendor
Part Number
Value
(µF)
Voltage
(V)
Size
Murata
GRM155R60J105KE19D
1
6.3
0402
TDK
CGB2A3X5R0J105M033BB
1
6.3
0402
Boost Capacitor Selection
The ADP5350 requires input and output decoupling capacitors
to supply transient currents while maintaining a constant input
and output voltage. Use a low ESR input capacitor, 4.7 μF or
greater, to prevent noise at the VIN4 node. Place the capacitor
between the VIN4 pin and PGND4 as close to the ADP5350 as
possible. Ceramic capacitors are preferred because of their low
ESR characteristics.
The output capacitor maintains the output voltage and supplies
current to the load while the boost switch is on. The value and
characteristics of the output capacitor greatly affect the output
voltage ripple and stability of the regulator. Use a low ESR
output capacitor; ceramic dielectric capacitors are preferred.
For very low ESR capacitors, such as ceramic capacitors, the
ripple current due to the capacitance is calculated as follows.
Because the capacitor discharges during the on time the charge
removed from the capacitor is the load current multiplied by
the on time. Choose the output capacitor based on the following
equation:
(
)
RIPPLE4
OUT4
SW4
IN4
OUT4
L
OUT4
V
V
f
V
V
I
C
×
×
−
×
≥
2
where:
IL2 is the average inductor current.
VRIPPLE4 is boost output voltage ripple.
Table 88. Suggested Boost Capacitors
Vendor
Part Number
Value
(µF)
Voltage
(V)
Size
Murata
GRM188R61C475ME11
4.7
25
0603
TDK
C1608X5R1E475M080AC
4.7
25
0603
Murata
GRM188R61E106MA73
10
25
0603
TDK
C1608X5R1E106M080AC
10
25
0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com