Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACPZ-1-R7 Datasheet(PDF) 57 Page - Analog Devices

Part # ADP5350ACPZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACPZ-1-R7 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADP5350ACPZ-1-R7 Datasheet HTML 53Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 54Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 55Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 56Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 57Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 58Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 59Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 60Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 57 of 63
Table 78. BOOST_LDO_INTERRUPT_FLAG, Register Address 0x3B Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:3]
Not used
R
Not used.
2
LED_OPEN_INT1
R
0
When high, this bit indicates an interrupt caused by LED open-circuit
faults.
1
PG4_BST_INT1
R
0
When high, this bit indicates an interrupt caused by a power-good
warning on the boost regulator.
0
PG1_LDO1_INT1
R
0
When high, this bit indicates an interrupt caused by a power-good
warning on LDO1.
1
These bits reset to 0 automatically when read.
Table 79. DEFAULT_SET, Register Address 0x3C Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
DEFAULT_SET
W
0
Write 0x7F to this bit to reset all register to default values.
Table 80. NTC47K_SET, Register Address 0x3D Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:1]
Not used
R
Not used.
0
NTC_47K
R/W
1
Select battery thermistor NTC resistance, effective when R_NTC = 1.
0 = 100 kΩ at 25°C.
1 = 47 kΩ at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com