Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACPZ-1-R7 Datasheet(PDF) 61 Page - Analog Devices

Part # ADP5350ACPZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACPZ-1-R7 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADP5350ACPZ-1-R7 Datasheet HTML 55Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 56Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 57Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 58Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 59Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 60Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 61Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 62Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 63Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 61 of 63
TYPICAL APPLICATION CIRCUITS
Figure 60. Li-Ion Battery Charger Application with LED Panel
Figure 61. True Shutdown Standalone Boost for OLED Panel Application
ADP5350
AGND
150mAh
Li-Ion
BATTERY
RNTC = 47kΩ
AT 25°C
+
–
C4
10µF
CFL1
C2
4.7µF
CFL2
C11
2.2µF
SCL
SDA
INT
PGOOD
BATOK
VBUSA
VBUSB
C1
2.2µF
USB 5V
I2C
AND
GPIOs
CHARGE
CONTROL
AND
FUEL
GAUGE
3MHz
BUCK
VIN4
SW4
PGND4
VIN123
4.7µH
L2
C5
1µF
VISOS
C9
4.7µF
LED
BOOST
VOUT1
C6
1µF
150mA LDO
(OR LOAD-SWITCH)
VOUT2
C7
1µF
150mA LDO
(OR LOAD-SWITCH)
VOUT3
C8
1µF
150mA LDO
(OR LOAD-SWITCH)
SW1B
SW1A
PGND1B
PGND1A
VISOS
L1
1.5µH
C3
10µF
C10
4.7µF
ISOS
ISOB
BSNS
THR
VOUT4
FB4
LED1
LED2
D1
LED4
LED5
LED3
LED6
D2
D4
D5
RNTC
MCU
MEMS
MEMORY
D3
ADP5350
AGND
150mAh
Li-Ion
BATTERY
RNTC = 47kΩ
AT 25°C
+
–
C4
10µF
CFL1
C2
4.7µF
CFL2
C11
2.2µF
SCL
SDA
INT
PGOOD
BATOK
VBUSA
VBUSB
C1
2.2µF
USB 5V
I2C
AND
GPIOs
CHARGE
CONTROL
AND
FUEL
GAUGE
3MHz
BUCK
VIN4
SW4
PGND4
VIN123
4.7µH
L2
C5
1µF
VISOS
VISOS
C9
4.7µF
STANDALONE
BOOST
VOUT3
C8
1µF
150mA
LOAD-SWITCH
VOUT2
C7
1µF
150mA LDO
VOUT1
C6
1µF
150mA LDO
(ALWAYS ON)
SW1B
SW1A
PGND1B
PGND1A
VISOS
L1
1.5µH
C3
10µF
C10
10µF
ISOS
ISOB
BSNS
THR
VOUT4
VOUT4 = 12V
FB4
D1
D2
D4
D5
RNTC
MEMS
MCU
RFB1
82kΩ
RFB2
4.7kΩ
D3
OLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com