Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACPZ-1-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADP5350ACPZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACPZ-1-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADP5350ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 41Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 38 of 63
Address
(Hex)
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
0x24
FUEL_GAUGE_
MODE
Not used
SLEEP_
UPDATE_
TIME
FUEL_GAUGE_
MODE
FUEL_
GAUGE_
ENABLE
0x25
SOC_RESET
SOC reset
Not used
0x26
BST_LED_CTRL
Not used
EN_BST
EN_LED5
EN_LED4
EN_LED3
EN_LED2
EN_BL
0x27
BST_CFG
BST_MODE
BST_BL
FOVR
Not used
BST_OVP
Not used
BST_IPK
0x28
IBL_SET
Not used
IBL[5:0]
0x29
ILED2_SET
BL_LED2
Not used
ILED2[5:0]
0x2A
ILED3_SET
BL_LED3
Not used
ILED3[5:0]
0x2B
ILED4_SET
BL_LED4
Not used
ILED4[5:0]
0x02C
ILED5_SET
BL_LED5
Not used
ILED5[5:0]
0x2D
BL_FR
BL_FO[3:0]
BL_FI[3:0]
0x2E
LED3_BLINK
LED3_OFF[3:0]
LED3_ON[3:0]
0x2F
LED4_BLINK
LED4_OFF[3:0]
LED4_ON[3:0]
0x30
LED5_BLINK
LED5_OFF[3:0]
LED5_ON[3:0]
0x31
LED_STATUS
Not used
LED5_
OPEN
LED4_
OPEN
LED3_OPEN
LED2_OPEN
LED1_OPEN
0x32
LDO_CTRL
Not used
EN_LDO3
EN_LDO2
EN_LDO1
0x33
LDO_CFG
Not used
DSCG_LDO3
DSCG_
LDO2
DSCG_
LDO1
Not used
MODE_LDO3
MODE_LDO2
MODE_LDO1
0x34
VID_LDO12
VID_LDO2[3:0]
VID_LDO1[3:0]
0x35
VID_LDO3
Not used
VID_LDO3[3:0]
0x36
PGOOD_STATUS
Not used
VBUSOK
BATOK
PG4_BST
PG1_LDO1
0x37
PGOOD_MASK
Not used
VBUSOK_
MASK
BATOK_
MASK
PG4_BST_MASK
PG1_LDO1_
MASK
0x38
CHARGER_
INTERRUPT_
ENABLE
EN_IND_
PEAK_INT
EN_THERM_
LIM_INT
EN_WD_
INT
EN_TSD_
INT
EN_THR_
INT
EN_BAT_INT
EN_CHG_INT
EN_VIN_INT
0x39
CHARGER_
INTERRUPT_
FLAG
IND_PEAK_
INT
THERM_
LIM_INT
WD_INT
TSD_INT
THR_INT
BAT_INT
CHG_INT
VIN_INT
0x3A
BOOST_LDO_
INTERRUPT_
ENABLE
Not used
EN_LED_
OPEN_INT
EN_PG4_BST_
INT
EN_PG1_
LDO1_INT
0x3B
BOOST_LDO_
INTERRUPT_
FLAG
Not used
LED_OPEN_
INT
PG4_BST_INT
PG1_
LDO1_INT
0x3C
DEFAULT_SET
DEFAULT_SET
0x3D
NTC47K_SET
Not used
NTC_47K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com