Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACPZ-1-R7 Datasheet(PDF) 58 Page - Analog Devices

Part # ADP5350ACPZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACPZ-1-R7 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADP5350ACPZ-1-R7 Datasheet HTML 54Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 55Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 56Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 57Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 58Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 59Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 60Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 61Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 58 of 63
APPLICATIONS INFORMATION
EXTERNAL COMPONENTS
Buck Inductor Selection
The high switching frequency of the ADP5350 buck converter
allows the selection of small chip inductors. Suggested buck
inductors are shown in Table 81.
The peak-to-peak inductor current ripple, IRIPPLE, is calculated
using the following equation:
(
)
L1
f
V
V
V
V
I
SW
ISOS
CFL1
ISOS
ISOS
RIPPLE
×
×
−
×
=
where:
VISOS is the ISOS node output voltage.
VCFL1 is the converter input voltage at the CFL1 node.
fSW is the switching frequency.
L1 is the buck output inductor value.
The minimum dc current rating of the inductor must be greater
than the inductor peak current. The inductor peak current,
IPEAK, is calculated using the following equation:
2
_
RIPPLE
MAX
LOAD
CHG
PEAK
I
I
I
I
+
+
=
Inductor conduction losses are caused by the flow of current
through the inductor, which has an associated internal dc
resistance (DCR). Larger inductors have smaller DCR values,
which may decrease inductor conduction losses. Inductor core
losses are related to the magnetic permeability of the core
material. Because the buck regulators are high switching
frequency dc-to-dc converters, shielded ferrite core material is
recommended for its low core losses and low electromagnetic
interference (EMI).
Boost Inductor Selection
The inductor is an essential part of the boost switching regulator. It
stores energy during the on time, and transfers that energy to
the output through the output rectifier during the off time. Use
inductance in the range of 2 µH to 10 µH. In general, lower
inductance values have higher saturation current and lower
series resistance for a given physical size. However, lower
inductance results in higher peak current that can lead to
reduced efficiency and greater input and/or output ripple and
noise. Peak-to-peak inductor ripple current at close to 30% of
the maximum dc input current typically yields an optimal
compromise. Suggested boost inductors are shown in Table 82.
The input VIN4 and output VOUT4 voltages determine the switch
duty cycle, which in turn determine the inductor ripple current.
Calculate the inductor ripple current in a steady state using the
following equation:
2
)
(
4
4
L
f
V
V
V
V
I
SW
OUT4
IN4
OUT4
IN4
RIPPLE
×
×
−
×
=
Make sure that the peak inductor current, the maximum input
current plus half the inductor ripple current is below the rated
saturation current of the inductor. Likewise, make sure that the
maximum rated rms current of the inductor is greater than the
maximum dc input current to the regulator.
VBUSx Capacitor Selection
According to the USB 2.0 specification, USB peripherals have a
detectable change in capacitance on VBUSx when VBUSx are
attached. The peripheral device VBUSx bypass capacitance
must be at least 1 μF but not larger than 10 μF. The combined
capacitance for the VBUSx and CFL1 pins must not exceed
10 μF at any temperature or dc bias condition. Suggested
VBUSx capacitors are shown in Table 83.
CFL1 Capacitor Selection
The CFL1 pin serves the ADP5350 as the buck dc-to-dc
regulator input capacitor. The rms current rating of the input
capacitor current must be larger than the value calculated by the
following equation:
(
)
CFL1
ISOS
CFL1
ISOS
MAX
LOAD
CHG
RMS
C
V
V
V
V
I
I
I
)
(
_
_
−
×
+
=
To minimize supply noise, place the input capacitor as close as
possible to the CFL1 pin of the charger. As with the output
capacitor, a low ESR capacitor is recommended.
The effective capacitance needed for stability, which includes
temperature and dc bias effects, is a minimum of 2 µF and a
maximum of 7 µF. A list of suggested capacitors is shown in
Table 84.
Table 81. Suggested Buck Inductors
Vendor
Part Number
L (µH)
Typical DC Current (A)
Maximum DCR (mΩ)
Size
Wurth
74479976215
1.5
1.2
125
0806
TDK
VLS201612CX-1R5M
1.5
1.9
89
0806
Table 82. Suggested Boost Inductors
Vendor
Part Number
L (µH)
Typical DC Current (A)
Maximum DCR (mΩ)
Size
Wurth
74479776247A
4.7
0.9
140
0806
TDK
VLS201612CX-4R7M
4.7
1.12
252
0806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com