Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACPZ-1-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5350ACPZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACPZ-1-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5350ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 16 of 63
Figure 12. Buck Switching Frequency vs. Temperature
Figure 13. Charge Current vs. Temperature
Figure 14. Charge Current vs. VBUSx Voltage
Figure 15. Isolation FET (ISOFET) Resistance vs. Temperature at Various
Battery Voltage Levels, LFCSP Package
Figure 16. ADC Voltage Accuracy vs. Temperature
Figure 17. Boost Switching Frequency vs. Temperature
3100
2900
–40
80
TEMPERATURE (°C)
–10
20
50
2920
2940
2960
2980
3000
3020
3040
3060
3080
600
0
–40
80
TEMPERATURE (°C)
100
200
300
400
500
–10
20
50
ICHG = 100mA
ICHG = 500mA
4.3
5.3
5.1
4.9
4.7
4.5
VBUSx VOLTAGE (V)
600
0
100
200
300
400
500
ICHG = 200mA, RBAT = 1Ω
ICHG = 500mA, RBAT = 0.4Ω
350
100
150
200
250
300
0
80
TEMPERATURE (°C)
20
40
60
VISOB = 4.2V
VISOB = 3.6V
VISOB = 3.0V
VISOB = 2.6V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
80
TEMPERATURE (°C)
20
40
60
VISOB = 4.2V
VISOB = 3.6V
VISOB = 2.7V
1600
1400
1420
1440
1460
1480
1500
1520
1540
1560
1580
–40
110
TEMPERATURE (°C)
–10
20
50
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com