Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACPZ-1-R7 Datasheet(PDF) 54 Page - Analog Devices

Part # ADP5350ACPZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACPZ-1-R7 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADP5350ACPZ-1-R7 Datasheet HTML 50Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 51Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 52Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 53Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 54Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 55Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 56Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 57Page - Analog Devices ADP5350ACPZ-1-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 54 of 63
Bit No.
Mnemonic
Access
Default
Description
0
MODE_LDO1
R/W
0
This bit sets LDO1 as an LDO or load switch
0 = LDO mode
1 = load switch mode
Table 71. VID_LDO12, Register Address 0x34 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:4]
VID_LDO2
R/W
Factory setting
These bits set the output voltage in LDO2. These bits have no effect
when this channel is set as a load switch.
0000 = 4.20 V.
0001 = 3.60 V.
0010 = 3.30 V.
0011 = 3.15 V.
0100 = 3.00 V.
0101 = 2.85 V.
0110 = 2.50 V.
0111 = 2.30 V.
1000 = 2.10 V.
1001 = 1.80 V.
1010 = 1.50 V.
1011 = 1.40 V.
1100 = 1.30 V.
1101 = 1.20 V.
1110 = 1.10 V.
1111 = 1.00 V.
[3:0]
VID_LDO1
R/W
Factory setting
These bits set the output voltage in LDO1. These bits have no effect
when this channel is set as a load switch.
0000 = 4.20 V.
0001 = 3.60 V.
0010 = 3.30 V.
0011 = 3.15 V.
0100 = 3.00 V.
0101 = 2.85 V.
0110 = 2.50 V.
0111 = 2.30 V.
1000 = 2.10 V.
1001 = 1.80 V.
1010 = 1.50 V.
1011 = 1.40 V.
1100 = 1.30 V.
1101 = 1.20 V.
1110 = 1.10 V.
1111 = 1.00 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com