Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3421 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 29 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 25Page - Texas Instruments DLPC3421 Datasheet HTML 26Page - Texas Instruments DLPC3421 Datasheet HTML 27Page - Texas Instruments DLPC3421 Datasheet HTML 28Page - Texas Instruments DLPC3421 Datasheet HTML 29Page - Texas Instruments DLPC3421 Datasheet HTML 30Page - Texas Instruments DLPC3421 Datasheet HTML 31Page - Texas Instruments DLPC3421 Datasheet HTML 32Page - Texas Instruments DLPC3421 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
7.3.1.3 DSI Interface
The DLPC34xx controller supports the industry standard DSI (Display Serial Interface) Type-3 LVDS video
interface with up to four lanes. DSI is a source-synchronous, high-speed, low-power, low-cost physical layer.
The DSI-PHY unit receives data when it operates in high-speed (HS) mode. The DSI-PHY unit receives
and transmits data when it operates in low-power (LP) mode for unidirectional data lanes. Point-to-point lane
interconnect can be used for either data or clock signal transmission. The high-speed receiver is a differential
line receiver circuit. The low-power receiver is an unterminated, single-ended receiver circuit. Figure 7-4 shows a
high-level view of the DSI interface.
For a given frame rate, the DSI high-speed (HS) clock frequency must be fixed. If a different DSI clock frequency
is ever needed (such as to support another frame rate), an I2C command must be sent to the controller with the
updated HS clock frequency.
MIPI refers to the Mobile Industry Processor Interface standard.
Various DSI requirements and features of the DLPC34xx are as follows:
• compliant with the DSI-MIPI Specification for Display Serial Interface (V 1.02.00) except for those items noted
in the DSI Host Timing Requirements table
• compliant with D-PHY standard MIPI Specification (V 1.0)
• MIPI DSI Type 3 architecture
• supports display resolutions from 320 × 200 to 1280 × 800
• supports video mode (command mode not supported)
• MIPI DCSSM (Display Command SetSM) commands sent over DSI not supported (send commands via I2C
instead)
• supports multiple packets per transmission
• supports trigger messages in the forward direction
• data lanes configurable from one to four channels
• EOT (End of Transfer) command is supported and must be enabled
• CRC (cyclic redundancy check) and ECC (error correction code) for header supported
– CRC and ECC can be disabled
• checksum for long packets with error reporting (but no ECC)
• supports one virtual channel for video mode
• supports burst mode
• supports non-burst with sync pulses and with sync event
• BTA (bus turn-around) mode not supported and must be disabled in the DSI host processor
• LP mode is required during vertical blanking and vertical sync. LP mode is not supported between pixel lines
(i.e. HS blanking must be used for horizontal blanking and horizontal sync)
• an active DSI HS clock is required during LP blanking
www.ti.com
DLPC3421
DLPS231 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com