Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3421 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 5Page - Texas Instruments DLPC3421 Datasheet HTML 6Page - Texas Instruments DLPC3421 Datasheet HTML 7Page - Texas Instruments DLPC3421 Datasheet HTML 8Page - Texas Instruments DLPC3421 Datasheet HTML 9Page - Texas Instruments DLPC3421 Datasheet HTML 10Page - Texas Instruments DLPC3421 Datasheet HTML 11Page - Texas Instruments DLPC3421 Datasheet HTML 12Page - Texas Instruments DLPC3421 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
Table 5-7. GPIO Peripheral Interface (continued)
PIN(1)
I/O
TYPE(3)
DESCRIPTION(2)
NAME
NO.
GPIO_01
C15
I/O
1
General purpose I/O 01 (hysteresis buffer). Options:
1.
SPI1_CLK (output): SPI1 clock signal. This pin is typically connected to the DLPAxxxx SPI_CLK
pin.
2.
Optional DSI Bus Width Config 0 (input): The controller samples this pin during boot and is used
to define the number of lanes used for DSI operation. Requires an external pullup or pulldown
resistor to configure as defined in Table 5-8. After boot, this GPIO pin will continue to be used as
SPI1_CLK. Select the external pullup or pulldown resistor to not interfere.
GPIO_00
C14
I/O
1
General purpose I/O 00 (hysteresis buffer). SPI1_DIN (input): SPI1 data input signal. This pin is
typically connected to the DLPAxxxx SPI_DOUT pin.
(1)
GPIO pins must be configured through software for input, output, bidirectional, or open-drain operation. Some GPIO pins have one or
more alternative use modes, which are also software configurable. An external pullup resistor is required for each signal configured as
open-drain.
(2)
General purpose I/O for the DLPC3421 controllers. These GPIO pins are software configurable.
(3)
See Table 5-11 for type definitions.
Table 5-8. GPIO_01 and GPIO_02
GPIO_02
GPIO_01
Number of DSI Data
Lanes
DSI Lane Config 1
DSI Lane Config 0
0
0
1
0
1
2
1
0
3
1
1
4
Table 5-9. Clock and PLL Support
PIN
I/O
TYPE(1)
DESCRIPTION
NAME
NO.
PLL_REFCLK_I
H1
I
11
Reference clock crystal input. If an external oscillator is used instead of a crystal, use
this pin as the oscillator input.
PLL_REFCLK_O
J1
O
5
Reference clock crystal return. If an external oscillator is used instead of a crystal,
leave this pin unconnected (floating with no added capacitive load).
(1)
See Table 5-11 for type definitions.
Table 5-10. Power and Ground
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
VDD
C5, D5, D7,
D12, J4,
J12, K3, L4,
L12, M6,
M9, D9,
D13, F13,
H13, L13,
M10, D3, E3
—
PWR
Core 1.1-V power (main 1.1 V)
VDDLP12
C3
—
PWR
DSI PHY Low Power mode driver supply. It is recommended to externally
tie this pin to VDD.
www.ti.com
DLPC3421
DLPS231 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com