Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3421 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 31Page - Texas Instruments DLPC3421 Datasheet HTML 32Page - Texas Instruments DLPC3421 Datasheet HTML 33Page - Texas Instruments DLPC3421 Datasheet HTML 34Page - Texas Instruments DLPC3421 Datasheet HTML 35Page - Texas Instruments DLPC3421 Datasheet HTML 36Page - Texas Instruments DLPC3421 Datasheet HTML 37Page - Texas Instruments DLPC3421 Datasheet HTML 38Page - Texas Instruments DLPC3421 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
0.33
0.22
0.18
CAIC Disabled
PTOTAL = 1 W
CAIC Enabled
(1)
PTOTAL = 0.73 W
(1) With CAIC enabled, if red and blue LEDs require less than nominal power for a given input image, the red and blue LED power will
reduce.
Figure 7-8. CAIC Power Reduction Mode (for Constant Brightness)
As CAIC applies a digital gain to each color channel and adjusts the power to each LED, CAIC ensures the
resulting color balance in the final image matches the target color balance for the projector system. Thus, the
effective displayed white point of images is held constant by CAIC from frame to frame.
CAIC can be used to increase the overall image brightness while holding the total power for all LEDs constant,
or CAIC can be used to hold the overall image brightness constant while decreasing LED power. In summary,
CAIC has two primary modes of operation:
• Power reduction mode holds overall image brightness constant while reducing LED power
• Enhanced brightness mode holds overall LED power constant while enhancing image brightness
In power reduction mode, since the R, G, and B channels can be gained up by CAIC inside the DLPC34xx, the
LED power can be reduced for any color channel until the brightness of the color on the screen is unchanged.
Thus, CAIC can achieve an overall LED power reduction while maintaining the same overall image brightness as
if CAIC was not used. Figure 7-8 shows an example of LED power reduction by CAIC for an image where the
red and blue LEDs can consume less power.
In enhanced brightness mode the R, G, and B channels can be gained up by CAIC with LED power generally
being held constant. This results in an enhanced brightness with no power savings.
While there are two primary modes of operation described, the DLPC34xx actually operates within the extremes
of pure power reduction mode and enhanced brightness mode. The user can configure which operating
mode the DLPC34xx will more closely follow by adjusting the CAIC gain setting as described in the software
programmer's guide.
In addition to the above functionality, CAIC also can be used as a tool with which FOFO (full-on full-off) contrast
on a projection system can be improved. While operating in power reduction mode, the DLPC34xx reduces
LED power as the intensity of the image content for each color channel decreases. This will result in the LEDs
operating at nominal settings with full-on content (a white screen) and reducing power output until the dimmest
possible content (a black screen) is reached. In this latter case, the LEDs will be operating at minimum power
output capacity and thus producing the minimum possible amount of off-state light. This optimization provided
by CAIC will thereby improve FOFO contrast ratio. The given contrast ratio will further increase as nominal LED
current (full-on state) is increased.
www.ti.com
DLPC3421
DLPS231 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com