Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3421 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 28Page - Texas Instruments DLPC3421 Datasheet HTML 29Page - Texas Instruments DLPC3421 Datasheet HTML 30Page - Texas Instruments DLPC3421 Datasheet HTML 31Page - Texas Instruments DLPC3421 Datasheet HTML 32Page - Texas Instruments DLPC3421 Datasheet HTML 33Page - Texas Instruments DLPC3421 Datasheet HTML 34Page - Texas Instruments DLPC3421 Datasheet HTML 35Page - Texas Instruments DLPC3421 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
Table 7-3. Additional DLPC34xx SPI Flash Requirements
FEATURE
DLPC34xx REQUIREMENT
SPI interface width
Single
SPI polarity and phase settings
SPI mode 0
Fast READ addressing
Auto-incrementing
Programming mode
Page mode
Page size
256 B
Sector size
4-KB sector
Block size
Any
Block protection bits
0 = Disabled
Status register bit(0)
Write in progress (WIP), also called flash busy
Status register bit(1)
Write enable latch (WEN)
Status register bits(6:2)
A value of 0 disables programming protection
Status register bit(7)
Status register write protect (SRWP)
Status register bits(15:8)
(that is expansion status byte)
Because the DLPC34xx controller supports only single-byte status register R/W command execution,
it may not be compatible with flash devices that contain an expansion status byte. However, as long
as the expansion status byte is considered optional in the byte 3 position and any write protection
control in this expansion status byte defaults to unprotected, then the flash device is likely compatible
with the DLPC34xx.
The DLPC34xx controller is intended to support flash devices with program protection defaults of either enabled
or disabled. The controller assumes the default is enabled and proceeds to disable any program protection as
part of the boot process.
The DLPC34xx issues these commands during the boot process:
• A write enable (WREN) instruction to request write enable, followed by
• A read status register (RDSR) instruction (repeated as needed) to poll the write enable latch (WEL) bit
• After the write enable latch (WEL) bit is set, a write status register (WRSR) instruction that writes 0 to all 8
bits (this disables all programming protection)
Prior to each program or erase instruction, the DLPC34xx controller issues similar commands:
• A write enable (WREN) instruction to request write enable, followed by
• A read status register (RDSR) instruction (repeated as needed) to poll the write enable latch (WEL) bit
• After the write enable latch (WEL) bit is set, the program or erase instruction
Note that the flash device automatically clears the write enable status after each program and erase instruction.
Table 7-4 and Table 7-5 below list the specific instruction OpCode and timing compatibility requirements. The
DLPC34xx controller does not adapt protocol or clock rate based on the flash type connected.
DLPC3421
DLPS231 – OCTOBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com