Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3421 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 7Page - Texas Instruments DLPC3421 Datasheet HTML 8Page - Texas Instruments DLPC3421 Datasheet HTML 9Page - Texas Instruments DLPC3421 Datasheet HTML 10Page - Texas Instruments DLPC3421 Datasheet HTML 11Page - Texas Instruments DLPC3421 Datasheet HTML 12Page - Texas Instruments DLPC3421 Datasheet HTML 13Page - Texas Instruments DLPC3421 Datasheet HTML 14Page - Texas Instruments DLPC3421 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)(1)
MIN
MAX
UNIT
SUPPLY VOLTAGE(2)
V(VDD)
–0.3
1.21
V
V(VDDLP12)
–0.3
1.32
V
V(VCC18)
–0.3
1.96
V
DMD Sub-LVDS Interface (DMD_HS_CLK_x and DMD_HS_WDATA_x_y)
–0.3
1.96
V
V(VCC_INTF)
–0.3
3.60
V
V(VCC_FLSH)
–0.3
3.60
V
V(VDD_PLLM) (MCG PLL)
–0.3
1.21
V
V(VDD_PLLD) (DCG PLL)
–0.3
1.21
V
VI2C buffer (I/O type 7)
–0.3
See (3)
V
GENERAL
TJ
Operating junction temperature
–30
125
°C
Tstg
Storage temperature
–40
125
°C
(1)
Stresses beyond those listed under Section 6.1 may cause permanent damage to the device. These are stress ratings only, which do
not imply functional operation of the device at these or any other conditions beyond those indicated under Section 6.3. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS (GND).
(3)
I/O is high voltage tolerant; that is, if VCC_INTF = 1.8 V, the input is 3.3-V tolerant, and if VCC_INTF = 3.3 V, the input is 5-V tolerant.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
www.ti.com
DLPC3421
DLPS231 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com