Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3421 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 4Page - Texas Instruments DLPC3421 Datasheet HTML 5Page - Texas Instruments DLPC3421 Datasheet HTML 6Page - Texas Instruments DLPC3421 Datasheet HTML 7Page - Texas Instruments DLPC3421 Datasheet HTML 8Page - Texas Instruments DLPC3421 Datasheet HTML 9Page - Texas Instruments DLPC3421 Datasheet HTML 10Page - Texas Instruments DLPC3421 Datasheet HTML 11Page - Texas Instruments DLPC3421 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
Table 5-7. GPIO Peripheral Interface (continued)
PIN(1)
I/O
TYPE(3)
DESCRIPTION(2)
NAME
NO.
GPIO_11
H15
I/O
1
General purpose I/O 11 (hysteresis buffer). Options:
1.
Thermistor power enable (output). Turns on the power to the thermistor when it is used and
enabled.
2.
Optional GPIO. If unused TI recommends this pin be configured as a logic zero GPIO output and
left unconnected. Otherwise this pin requires an external pullup or pulldown to avoid a floating
GPIO input.
GPIO_10
H14
I/O
1
General purpose I/O 10 (hysteresis buffer). Options:
1.
RC_CHARGE (output): Intended to feed the RC charge circuit of the thermistor interface.
2.
Optional GPIO. If unused TI recommends this pin be configured as a logic zero GPIO output and
left unconnected. Otherwise this pin requires an external pullup or pulldown to avoid a floating
GPIO input.
GPIO_09
G15
I/O
1
General purpose I/O 09 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_08
G14
I/O
1
General purpose I/O 08 (hysteresis buffer). Normal mirror parking request (active low): To be driven
by the PROJ_ON output of the host. A logic low on this signal causes the DLPC34xx to PARK the
DMD, but it does not power down the DMD (the DLPAxxxx does that instead). At power-up, GPIO_08
must remain high until HOST_IRQ goes low (see Section 9.3).
GPIO_07
F15
I/O
1
General purpose I/O 07 (hysteresis buffer). If unused TI recommends this pin be configured as a logic
zero GPIO output and left unconnected. Otherwise this pin requires an external pullup or pulldown to
avoid a floating GPIO input.
GPIO_06
F14
I/O
1
General purpose I/O 06 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_05
E15
I/O
1
General purpose I/O 05 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_04
E14
I/O
1
General purpose I/O 04 (hysteresis buffer). Options:
1.
3D glasses control (output): Controls the shutters on 3D glasses (Left = 1, Right = 0).
2.
SPI1_CSZ1 (active-low output): Optional SPI1 chip select 1 signal. Requires an external pullup
resistor to deactivate this signal during reset and auto-initialization processes.
3.
Optional GPIO. If unused TI recommends this pin be configured as a logic zero GPIO output and
left unconnected. Otherwise this pin requires an external pullup or pulldown to avoid a floating
GPIO input.
GPIO_03
D15
I/O
1
General purpose I/O 03 (hysteresis buffer). SPI1_CSZ0 (active low output): SPI1 chip select 0 signal.
This pin is typically connected to the DLPAxxxx SPI_CSZ pin. Requires an external pullup resistor to
deactivate this signal during reset and auto-initialization processes.
GPIO_02
D14
I/O
1
General purpose I/O 02 (hysteresis buffer). Options:
1.
SPI1_DOUT (output): SPI1 data output signal. This pin is typically connected to the DLPAxxxx
SPI_DIN pin.
2.
Optional DSI Bus Width Config 1 (input): The controller samples this pin during boot and is used
to define the number of lanes used for DSI operation. Requires an external pullup or pulldown
resistor to configure as defined in Table 5-8. After boot, this GPIO pin will continue to be used as
SPI1_DOUT. Select the external pullup or pulldown resistor to not interfere.
DLPC3421
DLPS231 – OCTOBER 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com