Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3421 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 2Page - Texas Instruments DLPC3421 Datasheet HTML 3Page - Texas Instruments DLPC3421 Datasheet HTML 4Page - Texas Instruments DLPC3421 Datasheet HTML 5Page - Texas Instruments DLPC3421 Datasheet HTML 6Page - Texas Instruments DLPC3421 Datasheet HTML 7Page - Texas Instruments DLPC3421 Datasheet HTML 8Page - Texas Instruments DLPC3421 Datasheet HTML 9Page - Texas Instruments DLPC3421 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
(2)
See Table 5-11 for type definitions.
Table 5-4. DMD Reset and Bias Control
PIN
I/O
TYPE(1)
DESCRIPTION
NAME
NO.
DMD_DEN_ARSTZ
B1
O
2
DMD driver enable (active high). DMD reset (active low). When
corresponding I/O power is supplied, the controller drives this signal low
after the DMD is parked and before power is removed from the DMD. If
the 1.8-V power to the DLPC34xx is independent of the 1.8-V power to the
DMD, then TI recommends including a weak, external pulldown resistor to
hold the signal low in case DLPC34xx power is inactive while DMD power
is applied.
DMD_LS_CLK
A1
O
3
DMD low speed (LS) interface clock
DMD_LS_WDATA
A2
O
3
DMD low speed (LS) serial write data
DMD_LS_RDATA
B2
I
6
DMD low speed (LS) serial read data
(1)
See Table 5-11 for type definitions.
Table 5-5. DMD Sub-LVDS Interface
PIN
I/O
TYPE(1)
DESCRIPTION
NAME
NO.
DMD_HS_CLK_P
DMD_HS_CLK_N
A7
B7
O
4
DMD high speed (HS) interface clock
DMD_HS_WDATA_H_P
DMD_HS_WDATA_H_N
DMD_HS_WDATA_G_P
DMD_HS_WDATA_G_N
DMD_HS_WDATA_F_P
DMD_HS_WDATA_F_N
DMD_HS_WDATA_E_P
DMD_HS_WDATA_E_N
DMD_HS_WDATA_D_P
DMD_HS_WDATA_D_N
DMD_HS_WDATA_C_P
DMD_HS_WDATA_C_N
DMD_HS_WDATA_B_P
DMD_HS_WDATA_B_N
DMD_HS_WDATA_A_P
DMD_HS_WDATA_A_N
A3
B3
A4
B4
A5
B5
A6
B6
A8
B8
A9
B9
A10
B10
A11
B11
O
4
DMD sub-LVDS high speed (HS) interface write data lanes. The true
numbering and application of the DMD_HS_WDATA pins depend on the
software configuration. See Table 7-8.
(1)
See Table 5-11 for type definitions.
Table 5-6. Peripheral Interface
PIN(1)
I/O
TYPE(2)
DESCRIPTION
NAME
NO.
CMP_OUT
A12
I
6
Successive approximation ADC (analog-to-digital converter) comparator output (DLPC34xx Input). To implement, use
a successive approximation ADC with a thermistor feeding one input of the external comparator and the DLPC34xx
controller GPIO_10 (RC_CHARGE) pin driving the other side of the comparator. It is recommended to use the
DLPAxxxx to achieve this function. CMP_OUT must be pulled-down to ground if this function is not used. (hysteresis
buffer)
CMP_PWM
A15
O
1
TI internal use. Leave this pin unconnected.
HOST_IRQ(3)
N8
O
9
Host interrupt (output)
HOST_IRQ indicates when the DLPC34xx auto-initialization is in progress and most importantly when it completes.
This pin is tri-stated during reset. An external pullup must be included on this signal.
IIC0_SCL(4)
N10
I/O
7
I2C secondary (port 0) SCL (bidirectional, open-drain signal with input hysteresis): This pin requires an external pullup
resistor. The secondary I2C I/Os are 3.6-V tolerant (high-voltage-input tolerant) and are powered by VCC_INTF (which
can be 1.8, 2.5, or 3.3 V). External I2C pullups must be connected to a host supply with an equal or higher supply
voltage, up to a maximum of 3.6 V (a lower pullup supply voltage does not typically satisfy the VIH specification of the
secondary I2C input buffers).
IIC1_SCL
R11
I/O
8
TI internal use. TI recommends an external pullup resistor.
IIC0_SDA(4)
N9
I/O
7
I2C secondary (port 0) SDA. (bidirectional, open-drain signal with input hysteresis): This pin requires an external
pullup resistor. The secondary I2C port is the control port of controller. The secondary I2C I/O pins are 3.6-V tolerant
(high-volt-input tolerant) and are powered by VCC_INTF (which can be 1.8, 2.5, or 3.3 V). External I2C pullups must be
connected to a host supply with an equal or higher supply voltage, up to a maximum of 3.6 V (a lower pullup supply
voltage does not typically satisfy the VIH specification of the secondary I2C input buffers).
IIC1_SDA
R10
I/O
8
TI internal use. TI recommends an external pullup resistor.
DLPC3421
DLPS231 – OCTOBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com