Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3421 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 3 Page - Texas Instruments

  DLPC3421 Datasheet HTML 1Page - Texas Instruments DLPC3421 Datasheet HTML 2Page - Texas Instruments DLPC3421 Datasheet HTML 3Page - Texas Instruments DLPC3421 Datasheet HTML 4Page - Texas Instruments DLPC3421 Datasheet HTML 5Page - Texas Instruments DLPC3421 Datasheet HTML 6Page - Texas Instruments DLPC3421 Datasheet HTML 7Page - Texas Instruments DLPC3421 Datasheet HTML 8Page - Texas Instruments DLPC3421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
5 Pin Configuration and Functions
Figure 5-1. ZVB Package 176-Pin NFBGA Bottom View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
A
DMD_LS_C
LK
DMD_LS_W
DATA
DMD_HS_W
DATAH_P
DMD_HS_W
DATAG_P
DMD_HS_W
DATAF_P
DMD_HS_W
DATAE_P
DMD_HS_CLK_
P
DMD_HS_W
DATAD_P
DMD_HS_W
DATAC_P
DMD_HS_W
DATAB_P
DMD_HS_W
DATAA_P
CMP_OUT
SPI0_CLK
SPI0_CSZ0 CMP_PWM
B
DMD_DEN_
ARSTZ
DMD_LS_R
DATA
DMD_HS_W
DATAH_N
DMD_HS_W
DATAG_N
DMD_HS_W
DATAF_N
DMD_HS_W
DATAE_N
DMD_HS_CLK_
N
DMD_HS_W
DATAD_N
DMD_HS_W
DATAC_N
DMD_HS_W
DATAB_N
DMD_HS_W
DATAA_N
SPI0_DIN
SPI0_DOUT LED_SEL_1 LED_SEL_0
C
DD3P
DD3N
VDD
VSS
VDD
VSS
VCC
VSS
VCC
HWTEST_E
N
RESETZ
SPI0_CSZ1
PARKZ
GPIO_00
GPIO_01
D
DD2P
DD2N
VDD
VCC
VDD
VSS
VDD
VSS
VDD
VSS
VCC_FLSH
VDD
VDD
GPIO_02
GPIO_03
E
DCLKP
DCLKN
VDD
VSS
VCC
VSS
GPIO_04
GPIO_05
F
DD1P
DD1N
RREF
VSS
VCC
VDD
GPIO_06
GPIO_07
G
DD0P
DD0N
VSS_PLLM
VSS
VSS
VSS
GPIO_08
GPIO_09
H
PLL_REFCL
K_I
VDD_PLLM
VSS_PLLD
VSS
VSS
VDD
GPIO_10
GPIO_11
J
PLL_REFCL
K_O
VDD_PLLD
VSS
VDD
VDD
VSS
GPIO_12
GPIO_13
K
PDATA_1
PDATA_0
VDD
VSS
VSS
VCC
GPIO_14
GPIO_15
L
PDATA_3
PDATA_2
VSS
VDD
VDD
VDD
GPIO_16
GPIO_17
M
PDATA_5
PDATA_4
VCC_INTF
VSS
VSS
VDD
VCC_INTF
VSS
VDD
VDD
VCC
VSS
JTAGTMS1
GPIO_18
GPIO_19
N
PDATA_7
PDATA_6
VCC_INTF
PDM_CVS_
TE
HSYNC_CS
3DR
VCC_INTF
HOST_IRQ
IIC0_SDA
IIC0_SCL
JTAGTMS2
JTAGTDO2
JTAGTDO1
TSTPT_6
TSTPT_7
P
VSYNC_WE
DATEN_CM
D
PCLK
PDATA_11
PDATA_13
PDATA_15
PDATA_17
PDATA_19
PDATA_21
PDATA_23
JTAGTRSTZ
JTAGTCK
JTAGTDI
TSTPT_4
TSTPT_5
R
PDATA_8
PDATA_9
PDATA_10
PDATA_12
PDATA_14
PDATA_16
PDATA_18
PDATA_20
PDATA_22
IIC1_SDA
IIC1_SCL
TSTPT_0
TSTPT_1
TSTPT_2
TSTPT_3
Note: The lower image view is from the top.
www.ti.com
DLPC3421
DLPS231 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com