Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3421 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 12Page - Texas Instruments DLPC3421 Datasheet HTML 13Page - Texas Instruments DLPC3421 Datasheet HTML 14Page - Texas Instruments DLPC3421 Datasheet HTML 15Page - Texas Instruments DLPC3421 Datasheet HTML 16Page - Texas Instruments DLPC3421 Datasheet HTML 17Page - Texas Instruments DLPC3421 Datasheet HTML 18Page - Texas Instruments DLPC3421 Datasheet HTML 19Page - Texas Instruments DLPC3421 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER(1)
TEST
CONDITIONS(2)
MIN
TYP
MAX UNIT
IOZ
High-impedance
leakage current
I2C buffer (I/O type 7)
VI2C buffer < 0.1 ×
VCC_INTF or
VI2C buffer > 0.9 ×
VCC_INTF
–10
10
µA
I/O type 1, 2, 3, 6, 8
VCC18 = 1.8 V
–10
10
I/O type 5, 9, 11
VCC_INTF = 1.8 V
–10
10
I/O type 12, 13
VCC_FLSH = 1.8 V
–10
10
I/O type 5, 9, 11
VCC_INTF = 2.5 V
–10
10
I/O type 12, 13
VCC_FLSH = 2.5 V
–10
10
I/O type 5, 9, 11
VCC_INTF = 3.3 V
–10
10
I/O type 12, 13
VCC_FLSH = 3.3 V
–10
10
CI
Input capacitance
(including package)
I2C buffer (I/O type 7)
5
pF
I/O type 1, 2, 3, 6, 8
VCC18 = 1.8 V
2.6
3.5
I/O type 5, 9, 11
VCC_INTF = 1.8 V
2.6
3.5
I/O type 12, 13
VCC_FLSH = 1.8 V
2.6
3.5
I/O type 5, 9, 11
VCC_INTF = 2.5 V
2.6
3.5
I/O type 12, 13
VCC_FLSH = 2.5 V
2.6
3.5
I/O type 5, 9, 11
VCC_INTF = 3.3 V
2.6
3.5
I/O type 12, 13
VCC_FLSH = 3.3 V
2.6
3.5
Sub-LVDS – DMD high speed (I/O
type 4)
VCC18 = 1.8 V
3
(1)
The I/O type refers to the type defined in Table 5-11.
(2)
Test conditions that define a value for VCC18, VCC_INTF, or VCC_FLSH show the nominal voltage that the specified I/O's supply
reference is set to.
(3)
I/O is high voltage tolerant; that is, if VCC_INTF = 1.8 V, the input is 3.3-V tolerant, and if VCC_INTF = 3.3 V, the input is 5-V tolerant.
(4)
Controller pins CMP_OUT, PARKZ, RESETZ, and GPIO_00 through GPIO_19 have slightly varied VIH and VIL range from other 1.8-V
I/O.
(5)
At a high level output signal, the given I/O will be able to output at least the minimum current specified.
(6)
At a low level output signal, the given I/O will be able to sink at least the minimum current specified.
6.7 Internal Pullup and Pulldown Electrical Characteristics
over operating free-air temperature (unless otherwise noted)(2)
INTERNAL PULLUP AND PULLDOWN RESISTOR CHARACTERISTICS
TEST
CONDITIONS(1)
MIN
MAX
UNIT
Weak pullup resistance
VCCIO = 3.3 V
29
63
kΩ
VCCIO = 2.5 V
38
90
VCCIO = 1.8 V
56
148
Weak pulldown resistance
VCCIO = 3.3 V
30
72
kΩ
VCCIO = 2.5 V
36
101
VCCIO = 1.8 V
52
167
(1)
The resistance is dependent on VCCIO, the pin's supply reference (see a given pins supply reference in Table 5-11).
(2)
An external 8-kΩ pullup or pulldown (if needed) would work for any voltage condition to correctly pull enough to override any
associated internal pullups or pulldowns.
DLPC3421
DLPS231 – OCTOBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com