Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3421 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 32Page - Texas Instruments DLPC3421 Datasheet HTML 33Page - Texas Instruments DLPC3421 Datasheet HTML 34Page - Texas Instruments DLPC3421 Datasheet HTML 35Page - Texas Instruments DLPC3421 Datasheet HTML 36Page - Texas Instruments DLPC3421 Datasheet HTML 37Page - Texas Instruments DLPC3421 Datasheet HTML 38Page - Texas Instruments DLPC3421 Datasheet HTML 39Page - Texas Instruments DLPC3421 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
7.3.6 Test Point Support
The DLPC34xx test point output port, TSTPT_(7:0), provides selected system calibration and controller debug
support. These test points are inputs when reset is applied. These test points are outputs when reset is released.
The controller samples the signal state upon the release of system reset and then uses the captured value
to configure the test mode until the next time reset is applied. Because each test point includes an internal
pulldown resistor, external pullups must be used to modify the default test configuration.
The default configuration (b000) corresponds to the TSTPT_(2:0) outputs remaining tri-stated to reduce
switching activity during normal operation. For maximum flexibility, a jumper to external pullup resistors is
recommended for TSTPT_(2:0). The pullup resistors on TSTPT_(2:0) can be used to configure the controller
for a specific mode or option. TI does not recommend adding pullup resistors to TSTPT_(7:3) due to potentially
adverse effects on normal operation. For normal use TSTPT_(7:3) should be left unconnected. The test points
are sampled only during a 0-to-1 transition on the RESETZ input, so changing the configuration after reset is
released does not have any effect until the next time reset asserts and releases. Table 7-7 describes the test
mode selections for one programmable scenario defined by TSTPT_(2:0).
Table 7-7. Test Mode Selection Scenario Defined by TSTPT_(2:0)
TSTPT OUTPUT VALUE(1)
NO SWITCHING ACTIVITY
CLOCK DEBUG OUTPUT
TSTPT_(2:0) = 0b000
TSTPT_(2:0) = 0b010
TSTPT_0
HI-Z
60 MHz
TSTPT_1
HI-Z
30 MHz
TSTPT_2
HI-Z
0.7 to 22.5 MHz
TSTPT_3
HI-Z
HIGH
TSTPT_4
HI-Z
LOW
TSTPT_5
HI-Z
HIGH
TSTPT_6
HI-Z
HIGH
TSTPT_7
HI-Z
7.5 MHz
(1)
These are default output selections. Software can reprogram the selection at any time.
DLPC3421
DLPS231 – OCTOBER 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com